Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRW5AM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LRW5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW5AM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LRW5AM Datasheet HTML 6Page - OSRAM GmbH LRW5AM Datasheet HTML 7Page - OSRAM GmbH LRW5AM Datasheet HTML 8Page - OSRAM GmbH LRW5AM Datasheet HTML 9Page - OSRAM GmbH LRW5AM Datasheet HTML 10Page - OSRAM GmbH LRW5AM Datasheet HTML 11Page - OSRAM GmbH LRW5AM Datasheet HTML 12Page - OSRAM GmbH LRW5AM Datasheet HTML 13Page - OSRAM GmbH LRW5AM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2009-06-19
10
Vorläufige Daten / Preliminary Data
LR W5AM, LA W5AM, LY W5AM
Maßzeichnung
6) Seite 16
Package Outlines
6) page 16
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
0.2 g
Gurtung / Polarität und Lage
6) Seite 16
Verpackungseinheit 800/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
6) page 16
Packing unit 800/reel, ø180 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com