Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRW5AM Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LRW5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW5AM Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LRW5AM Datasheet HTML 4Page - OSRAM GmbH LRW5AM Datasheet HTML 5Page - OSRAM GmbH LRW5AM Datasheet HTML 6Page - OSRAM GmbH LRW5AM Datasheet HTML 7Page - OSRAM GmbH LRW5AM Datasheet HTML 8Page - OSRAM GmbH LRW5AM Datasheet HTML 9Page - OSRAM GmbH LRW5AM Datasheet HTML 10Page - OSRAM GmbH LRW5AM Datasheet HTML 11Page - OSRAM GmbH LRW5AM Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Vorläufige Daten / Preliminary Data
LR W5AM, LA W5AM, LY W5AM
2009-06-19
8
Relative Spannung
2) Seite 16
Relative Voltage
2) page 16
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 400 mA
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2) page 16
λ
dom = f (Tj); IF = 400 mA; amber, red
Relativer Lichtstrom
2) Seite 16
Relative Luminous Flux
2) page 16
Φ
V/ΦV(25 °C)= f (Tj); IF = 400 mA
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2) page 16
λ
dom = f (Tj); IF = 400 mA; yellow
-40
-0.20
˚C
Tj
OHL04073
V
F
V
Δ
-20
0
20 40 60 80
120
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.25
-6
dom
Δλ
OHL04072
nm
-4
-2
0
2
4
8
-40 -20
0
˚C
j
60
40
20
80
T
120
-40
0
Tj
OHL03658
˚C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
(25 ˚C)
V
Φ
V
Φ
-20
0
20 40 60 80
120
yellow
amber, red
-8
dom
Δλ
OHL04071
nm
-40 -20
0
˚C
j
60
40
20
80
T
120
-6
-4
-2
0
2
4
6
8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com