Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAW51M Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LAW51M
Description  white SMD package, colorless clear silicone resin with optic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAW51M Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LAW51M Datasheet HTML 4Page - OSRAM GmbH LAW51M Datasheet HTML 5Page - OSRAM GmbH LAW51M Datasheet HTML 6Page - OSRAM GmbH LAW51M Datasheet HTML 7Page - OSRAM GmbH LAW51M Datasheet HTML 8Page - OSRAM GmbH LAW51M Datasheet HTML 9Page - OSRAM GmbH LAW51M Datasheet HTML 10Page - OSRAM GmbH LAW51M Datasheet HTML 11Page - OSRAM GmbH LAW51M Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Vorläufige Daten / Preliminary Data
LR W51M, LA W51M, LY W51M
2009-12-16
8
Dominante Wellenlänge
2) Seite 15
Dominant Wavelength
2) page 15
LR
,
λ
dom = f (Tj); IF = 400 mA
Dominante Wellenlänge
2) Seite 15
Dominant Wavelength
2) page 15
LA
,
λ
dom = f (Tj); IF = 400 mA
OHL02680
618
dom
λ
-60
˚C
nm
-40 -20
0
20 40 60
100
620
622
624
626
628
630
j
T
OHL02679
610
dom
λ
-60
˚C
nm
-40 -20
0
20 40 60
100
612
614
616
618
620
622
j
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com