Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # MPQ
Description  Up to 125 Watts, Quarter-Brick DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MPQ Datasheet(HTML) 1 Page - Wall Industries,Inc.

  MPQ Datasheet HTML 1Page - Wall Industries,Inc. MPQ Datasheet HTML 2Page - Wall Industries,Inc. MPQ Datasheet HTML 3Page - Wall Industries,Inc. MPQ Datasheet HTML 4Page - Wall Industries,Inc. MPQ Datasheet HTML 5Page - Wall Industries,Inc. MPQ Datasheet HTML 6Page - Wall Industries,Inc. MPQ Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc.
Rev D
MPQ SERIES
Up to 125 Watts, Quarter-Brick DC/DC Converters
02/15/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
FEATURES
• Quarter-Brick Package
• 100% Burned-in
• Up to 125 Watts Output Power
• Water Washable
• Single Outputs
• No Minimum Load Required
• Superior Thermal Performance
• Fast Transient Response
• Fixed Switching Frequency
• 24VDC and 48VDC Nominal Inputs
• Ultra High Efficiency 92% at 5VDC (20A)
• Remote ON/OFF (Active High or Active Low)
• Industry Standard Output Trim Adjust
• Short Circuit, Over Current, Over Voltage, and Over
Temperature Protection
• Low Cost Open Convection, Single Board
Construction
• Open Frame, Case, and Heatsink Options
DESCRIPTION
Size (with Case):
2.37 x 1.54 x 0.60 inches
Size (Open Frame):
2.28 x 1.45 x 0.43 inches
The MPQ series of single output DC/DC converters provides up to 125 watts in a quarter-brick
package. The MPQ series is well suited for telecom and datacom applications where high
efficiencies are required. Some features include active high or active low remote on/off, fixed
switching frequency, low output ripple, and ±10% output trim. These converters also have
over voltage, short circuit, over current, and over temperature protection. These high density,
low voltage input, quarter-brick converters offer great performance and high reliability at a
very competitive price.
MODEL SELECTION TABLE
Model Number (1)
Nominal
Input Voltage
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Power
Efficiency
MPQ24S3.3-50C
9 – 36 VDC
3.3 VDC
15.2 A
100mVp-p
50W
85%
MPQ24S3.3-66C
10 – 36 VDC
3.3 VDC
20A
150mVp-p
66W
87%
MPQ24S3.3-85C
18 – 36 VDC
3.3 VDC
25A
150mVp-p
83W
88%
MPQ24S5-50C
10 – 36 VDC
5 VDC
10A
82mVp-p
50W
87%
MPQ24S5-100C
10 – 24 VDC
5 VDC
20A
175mVp-p
100W
87%
MPQ24S5-125C
18 – 36 VDC
5 VDC
25A
175mVp-p
125W
87%
MPQ24S15-50C
10 – 36 VDC
15 VDC
4A
65mVp-p
60W
88%
MPQ24S24-50C
10 – 36 VDC
24 VDC
2.5A
150mVp-p
60W
88%
MPQ24S48-50C
24 VDC
10 – 36 VDC
48 VDC
1A
104mVp-p
48W
87%
MPQ48S3.3-66
36 – 75 VDC
3.3 VDC
20A
150mVp-p
66W
90%
MPQ48S3.3-85
36 – 75 VDC
3.3 VDC
25A
150mVpp
83W
88%
MPQ48S5-100
36 – 75 VDC
5 VDC
20A
175mVp-p
100W
92%
MPQ48S5-125
36 – 75 VDC
5 VDC
25A
175mVp-p
125W
90%
MPQ48S12-120
36 – 75 VDC
12 VDC
10A
100mVp-p
120W
90%
MPQ48S24-100
48 VDC
36 – 75 VDC
24 VDC
4.16A
100mVp-p
100W
91%
NOTES
1. All 24 VDC input models must have a case. 48 VDC input models can either be open frame (no suffix) or have a case (“C” suffix). Both 24Vin and 48Vin
models are heatsink compatible.
2. A heatsink can be applied for an extended temperature range. For heatsink, add the suffix “HS” to the model number.
3. Remote ON/OFF is primary referenced. Active High is standard; for Active Low add the suffix “R” to the model number.
4 Al DC/DC converters should be externally fused on the input side. Please consult factory for more information.


Similar Part No. - MPQ

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPQ-120 ASTRODYNE-MPQ-120 Datasheet
390Kb / 3P
120W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPQ-120 MEANWELL-MPQ-120 Datasheet
283Kb / 3P
1~4 Output Medical Type
logo
Astrodyne Corporation
MPQ-120B ASTRODYNE-MPQ-120B Datasheet
390Kb / 3P
120W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPQ-120B MEANWELL-MPQ-120B Datasheet
281Kb / 3P
1~4 Output Medical Type
logo
XP Power Limited
MPQ-120B XPPOWER-MPQ-120B Datasheet
290Kb / 3P
1~4 Output Medical Type
More results

Similar Description - MPQ

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
Isolated High Power Quarter Brick DC/DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
Up to 90 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
Up to 132 Watts Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
Quarter-Brick Up to 100 Watts DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com