Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # MPQ
Description  Up to 125 Watts, Quarter-Brick DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MPQ Datasheet(HTML) 6 Page - Wall Industries,Inc.

  MPQ Datasheet HTML 1Page - Wall Industries,Inc. MPQ Datasheet HTML 2Page - Wall Industries,Inc. MPQ Datasheet HTML 3Page - Wall Industries,Inc. MPQ Datasheet HTML 4Page - Wall Industries,Inc. MPQ Datasheet HTML 5Page - Wall Industries,Inc. MPQ Datasheet HTML 6Page - Wall Industries,Inc. MPQ Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wall Industries, Inc.
Rev D
MPQ SERIES
Up to 125 Watts, Quarter-Brick DC/DC Converters
02/15/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
Remote ON/OFF
These converters have the ability to be remotely turned ON or OFF. The series may be ordered Active-High or Active-Low (place the suffix “R” at the
end of the part number). Active-High means that a logic high at the ENABLE pin will turn ON the supply (Figure 1). With Active-High, if the ENABLE
pin is left floating, the supply will be enabled. Active-Low means that a logic low at the ENABLE pin will turn ON the supply (Figure 2). With Active-
Low, if the ENABLE pin is left floating, the supply will be disabled. If remote On/Off is not used on an Active-Low supply, short the Enable pin to –Vin.
Figure 1: Active High
Figure 2: Active Low
Output Voltage Trim
The output is adjustable from ±10% of the output voltage. To adjust the output voltage low, place a resistor between the TRIM and -SENSE pins
(Figure 3). To adjust the output voltage high, place a resistor between the +SENSE and TRIM pins (Figure 4). The value of the TRIM resistor with
respect to the desired output voltage can be found in Table 1 or derived from the following equations:
(
)
100
Trim
Percent
∆%
where
)
k
(in
11
.
5
%
511
%
5
.
2
100
%
11
.
5
)
k
(in
11
.
5
%
511
/
/
⋅
−
=
=
Ω
−
∆
−
∆
⋅
+
∆
⋅
⋅
=
Ω
−
∆
=
−
+
−
+
−
−
o
onom
o
onom
High
Trim
Low
Trim
V
V
V
V
R
R
Figure 3: Trim Low
Figure 4: Trim High
Table 1: Trim Resistor Values (in kΩ)
TRIM Low
TRIM High
Percent Trim
Vout
RLow
Vout
RHigh
1%
4.950
500.78
5.050
511.00
2%
4.900
245.28
5.100
255.50
3%
4.850
160.11
5.150
170.33
4%
4.800
117.53
5.200
127.75
5%
4.750
91.98
5.250
102.20
6%
4.700
74.95
5.300
85.17
7%
4.650
62.78
5.350
73.00
8%
4.600
53.66
5.400
63.88
9%
4.550
46.56
5.450
56.78
10%
4.500
40.88
5.500
51.10
Note: While decreasing the output voltage, the maximum output
current remains the same, and while increasing the output
voltage, the output current is reduced to maintain the total
output power
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com