Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # MPQ
Description  Up to 125 Watts, Quarter-Brick DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MPQ Datasheet(HTML) 3 Page - Wall Industries,Inc.

  MPQ Datasheet HTML 1Page - Wall Industries,Inc. MPQ Datasheet HTML 2Page - Wall Industries,Inc. MPQ Datasheet HTML 3Page - Wall Industries,Inc. MPQ Datasheet HTML 4Page - Wall Industries,Inc. MPQ Datasheet HTML 5Page - Wall Industries,Inc. MPQ Datasheet HTML 6Page - Wall Industries,Inc. MPQ Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Wall Industries, Inc.
Rev D
MPQ SERIES
Up to 125 Watts, Quarter-Brick DC/DC Converters
02/15/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 7
MECHANICAL DRAWINGS
Open Frame (Only Available for 48Vin Models)
Unit: inches [mm]
INTERFACE-PLANE
.42 [10.7]
.11 [2.8] REF
Ø.040 [1.02] PINS ONLY 4X
PIN-2 SHOWN FOR DIMENSIONS
STAND-OFF HOLE Ø.052±.003 [1.32±0.08]
.00 [0.0]
.071±.005 [1.80±0.13]
STANDOFF DIMENSION
RECOMMENDED FINISHED RECEIVING PCB
.14 [3.6]
2.00 [50.8]
A
PIN END
SEE NOTE-3
INTERFACE-PLANE ONLY
PIN LENGTH FROM
.20 MIN [5.1 MIN]
B
.19 [4.7]
.42 [10.7]
2
3
1
2.28 [57.9]
2
3
1
MODEL NAME
XXXX
WALL INDUSTRIES
EXETER, NH 03833 XXXX
.00 [0.0]
6
8
7
5
4
6
8
7
5
4
LABEL
Ø.062 [1.57]
Ø.062 [1.57]
PIN Ø
Ø.062 [1.57]
Ø.040 [1.02]
Ø.040 [1.02]
Ø.040 [1.02]
Ø.062 [1.57]
Ø.040 [1.02]
+Vout
4
8
7
6
5
+SENSE
-SENSE
-Vout
TRIM
PIN DESIGNATION
2
3
1
ON/OFF
-Vin
+Vin
ALL DIMENSONS ARE IN INCHES
.XX=±.02[0.5] .XXX=±.010[0.25]
ANGLES= ±1°
APPLIED TOLERANCES:
[ XX ] ARE IN MILLIMETERS
INTERPRET DIMENSION AND TOLERANCE
PER ASME Y14.5M - 1994
DO NOT SCALE DRAWING
UNLESS OTHERWISE SPECIFIED
THIRD ANGLE PROJECTION
NOTES:
1. PIN TO PIN TOLERANCE: ±.010 [±0.25] MEASURED
AT STANDOFF FEATURE ONLY, DATUM-B.
2. PIN DIAMETER TOLERANCE OF ±.005 [±0.13]
MEASUREMENT READING APPLIES TO AREA
FROM INTERFACE-PLANE SURFACE DATUM-B TO
END OF PIN ONLY.
3. UNLESS OTHERWISE SPECIFIED.
Cased Option (“C” Suffix)
8
8
3
3
1.030 [26.16]
LABEL
RECOMMENDED FINISHED RECEIVING PCB
STAND-OFF HOLE Ø.052±.003 [1.32±0.08]
PIN-2 SHOWN FOR DIMENSIONS
INTERFACE-PLANE ONLY
.20 MIN [5.1 MIN]
PIN LENGTH FROM
SEE NOTE-3
2.00 [50.8]
SEE NOTE-4
.00 [0.0]
1.860 [47.24]
STANDOFF DIMENSION
.071±.005 [1.80±0.13]
Ø.040 [1.02] PINS ONLY 4X
C
.19 [4.7]
.19 [4.7]
PIN END
INTERFACE-PLANE
B
-A-
.47 [11.9]
2
1
.00 [0.0]
.51 [13.0]
2.37 [60.2]
.26 [6.5]
.112(NO:4)-40UNC-2B 4X
MAX SCREW DEPTH .100 FROM SURFACE-A 4X
MAX APPLIED RECIEVING
TORQUE: 6.0 lbf in [ 0.68 N m]
DOT DENOTES
PIN-1
2
1
5
7
6
4
.47 [11.9]
4
5
7
6
.005
ALL DIMENSONS ARE IN INCHES
.XX=±.02[0.5] .XXX=±.010[0.25]
ANGLES= ±1°
APPLIED TOLERANCES:
[ XX ] ARE IN MILLIMETERS
INTERPRET DIMENSION AND TOLERANCE
PER ASME Y14.5M - 1994
DO NOT SCALE DRAWING
UNLESS OTHERWISE SPECIFIED
THIRD ANGLE PROJECTION
Ø.062 [1.57]
Ø.062 [1.57]
PIN Ø
Ø.062 [1.57]
Ø.040 [1.02]
Ø.040 [1.02]
Ø.040 [1.02]
Ø.062 [1.57]
Ø.040 [1.02]
+Vout
4
8
7
6
5
+SENSE
-SENSE
-Vout
TRIM
PIN DESIGNATION
2
3
1
ON/OFF
-Vin
+Vin
NOTES:
1. PIN TO PIN TOLERANCE: ±.010 [±0.25] MEASURED
AT STANDOFF FEATURE ONLY, DATUM-B.
2. PIN DIAMETER TOLERANCE OF ±.005 [±0.13]
MEASUREMENT READING APPLIES TO AREA
FROM INTERFACE-PLANE SURFACE DATUM-C TO
END OF PIN ONLY.
3. UNLESS OTHERWISE SPECIFIED.
4. THERMAL TRANSFER PLATE MATERIAL: .040 [1.02]
THICK, ALUMINUM ALLOY 3003-0, PER: QQA 250/2
WITH BLACK SOFT SULFURIC ANODIZE FINISH.
Unit: inches [mm]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com