Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS01 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSLS01
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS01 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSLS01 Datasheet HTML 1Page - Wall Industries,Inc. PSLS01 Datasheet HTML 2Page - Wall Industries,Inc. PSLS01 Datasheet HTML 3Page - Wall Industries,Inc. PSLS01 Datasheet HTML 4Page - Wall Industries,Inc. PSLS01 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev B
PSLS01 SERIES
1 Watt
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Standard SIP Package
90º Bend SIP Package (-F Suffix)
FEATURES
• Input Voltage Range of
85-305VAC/70-430VDC
• AC and DC Dual-Use (Input From
Same Terminal)
• Compact Size
• Low Power Consumption
• Industrial Grade
• Over Current and Short Circuit
Protection
• RoHS Compliant
• High Power Density
• Standard or 90º Bend SIP Package
• IEC60950, EN60950, and UL60950
Safety Approvals
DESCRIPTION
The PSLS01 series of AC/DC converters offers 1 watt of output power in a
compact SIP package. This series consists of single output models with a wide
input voltage range of 85-305VAC/70-430VDC. Each model in this series has high
efficiency, low power consumption, over current and short circuit protection, as well
as the option for 90º bent pins. This series has IEC60950, EN60950 and UL60950
safety approvals and is RoHS compliant.
Size: 1.38in x 0.65in x 0.43in
Size: 1.38in x 0.71in x 0.43in
MODEL SELECTION TABLE
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Efficiency
Maximum Capacitive Load Output Power
Certification
PSLS01-15B05SS
85-305VAC
(70-430VDC)
5V
200mA
66%
220µF
1W
UL/CE/CB
PSLS01-15B09SS
9V
111mA
67%
100µF
PSLS01-15B12SS
12V
83mA
70%
100µF
PSLS01-15B15SS
15V
67mA
69%
100µF
PSLS01-15B24SS
24V
42mA
68%
100µF
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage (115V and 230V), and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
AC Input
85
305
VAC
DC Input
70
430
VDC
Input Frequency
47
63
Hz
Input Current
115VAC
0.12
A
277VAC
0.06
Inrush Current
115VAC
9
A
277VAC
15
Recommended External Input Fuse
1A, slow fusing, necessary
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
5V Model
±8
%
All Others
±5
Line Regulation
Full Load
±1.5
%
Load Regulation
5%-100% Load
±2.5
%
Output Power
See Table
Output Current
See Table
Minimum Load
5
%
Maximum Capacitive Load
See Table
Ripple & Noise(2)
20MHz Bandwidth (peak-peak value)
50
120
mV
Temperature Coefficient
±0.15
%/ºC
Stand-By Power Consumption
5V, 9V, 12V, & 15V Models
0.15
0.25
W
24V Models
0.2
0.3
Hold-Up Time
230VAC Input
150
180
ms
PROTECTION
Short Circuit Protection
Continuous, Self-Recovery
Over Current Protection
Self-Recovery
110
500
%Io
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+85
ºC
Storage Temperature
-40
+105
ºC
Storage Humidity
85
%RH
MTBF
MIL-HDBK-217F@25ºC
200,000
Hours


Similar Part No. - PSLS01

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLS01C WALL-PSLS01C Datasheet
782Kb / 7P
PSLS01C SERIES
More results

Similar Description - PSLS01

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com