Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS01 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSLS01
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS01 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSLS01 Datasheet HTML 1Page - Wall Industries,Inc. PSLS01 Datasheet HTML 2Page - Wall Industries,Inc. PSLS01 Datasheet HTML 3Page - Wall Industries,Inc. PSLS01 Datasheet HTML 4Page - Wall Industries,Inc. PSLS01 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
PSLS01 SERIES
1 Watt
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
230VAC, %Typ.
See Table
Switching Frequency
100
kHz
Isolation Voltage
Input to Output, Test Time: 1 min
3000
VAC
PHYSICAL SPECIFICATIONS
Weight
0.21oz (6g) Typ.
Dimensions (L x W x H)
Standard
1.38in x 0.66in x 0.43in
(35mm x 16.45mm x 11mm)
90º Bend Pin Package
1.38in x 0.71in x 0.43in
(35mm x 18mm x 0.11mm)
Cooling
Free Air Convection
SAFETY CHARACTERISTICS
Safety Standards & Certification
IEC60950, EN60950, UL60950
Safety Class
Class II
EMI
CE
CISPR32/EN55032
CIRSP32/EN55032
Class A(3)
Class B(4)
RE
CISPR32/EN55032
CISPR32/EN55032
Class A(3)
Class B(4
ESD
IEC/EN61000-4-2
±4kV
Pref. Criteria B
RS
IEC/EN61000-4-3
10V/m(4)
Perf. Criteria A
EFT
IEC/EN61000-4-4
IEC/EN61000-4-4
±2kV(3)
±4kV(4)
Perf. Criteria B
Perf. Criteria B
Surge
IEC/EN61000-4-5
Line to Line ±1kV(3)
Perf. Criteria B
IEC/EN61000-4-5
Line to Line ±1kV/line to ground ±2kV(4)
Perf. Criteria B
CS
IEC/EN61000-4-6
10Vr.m.s(4)
Perf. Criteria A
Voltage Dips, Short Interruption, and
Voltage Variations Immunity
IEC/EN61000-4-11
0%-70%(4)
Perf. Criteria B
NOTES
1. 90 degree SIP package is available for each model in this series. To indicate 90 degree package, add “-F” to model number. Ex. PSLS01-15B05SS-F.
2. Ripple and noise are measured by “parallel cable” method.
3. See Fig. 1 for recommended circuit.
4. See Fig. 2 for recommended circuit.
5. External electrolytic capacitors are required to modules, for more info refer to typical applications
6. In order to increase conversion efficiency of the product with light load in the design, product will have audio noise when it is operating, but will not affect
the product’s reliability and performance
7. Module required dispensing fixed after assembled.
8. This part is open frame, at least 6.4mm safety distance between primary and secondary external components of module is needed to meet safety
requirements.
9. Product customization is available.
*Due to advances in technology, specifications subject to change without notice.
CHARACTERISTIC CURVES
Temperature Derating Graph
Input Voltage Derating Graph
Note: This product is suitable for use in natural air cooling envirionments. If in a closed environment, please contact factory.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com