Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS01 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSLS01
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS01 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSLS01 Datasheet HTML 1Page - Wall Industries,Inc. PSLS01 Datasheet HTML 2Page - Wall Industries,Inc. PSLS01 Datasheet HTML 3Page - Wall Industries,Inc. PSLS01 Datasheet HTML 4Page - Wall Industries,Inc. PSLS01 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev B
PSLS01 SERIES
1 Watt
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
90º Bend SIP Package (“-F” Suffix)
Note: Grid 2.54*2.54mm
PIN OUT
Pin
Function
1
AC (N)
3
AC (L)
5
+V (cap)
7
-V (cap)
10
-Vo
12
+Vo
1. It is necessary to add C1 between pin5 and pin7
2. It is necessary to add pi-type filter circuit to the output, such as the typical
application of Fig. 1
Note:
Unit: mm [inch]
Pin section tolerances: ±0.10 [±0.004]
General tolerances: ±0.50 [±0.020]
The layout of this device is for reference only, please refer to actual product.
DESIGN REFERENCE
1. Typical Application Circuit
Model
FUSE
(Necessary)
C1
(Necessary)
L2
NTC
C2 (Necessary)
L1
(Necessary)
C3
(Necessary)
C4
CY0
TVS
PSLS01-15B05SS(-F)
1A/300V
4.7µF/450V
1mH
15D-5
100µF/16V
(Solid Capacitor)
2.2µH
68µF/35V
0.1µF/50V
1nF/400VAC
SMBJ7.0A
PSLS01-15B09SS(-F)
150µF/35V
SMBJ12A
PSLS01-15B12SS(-F)
100µF/35V
SMBJ20A
PSLS01-15B15SS(-F)
SMBJ20A
PSLS01-15B24SS(-F)
SMBJ30A
Note:
1. C1: AC Input, C1 is input flier capacitor (which is required);
DC Input is a filtering capacitor in EMC filter (which is required);
C2 and C3 are output flier capacitors (which is required). C2, C3, and L1 form a pi-type filter circuit, they are recommended to be high frequency and low
impedance electrolytic capacitors. Capacitance and rated ripple current of capacitors refer to the datasheets provided by the manufacturers. Capacitor
voltage reduced to at least 80%. C4 is a ceramic capacitor, which is used to filter high frequency noise. Current of L1 and L2 refer to the datasheets
provided by the manufacturers, current derating to at least 80%. TVS is a recommended component to protect post-circuits (if converter fails). External
Input MOV1 model is recommended to use S14K350.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com