Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS03 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSLS03
Description  Low Power Consumption, Green Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS03 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSLS03 Datasheet HTML 1Page - Wall Industries,Inc. PSLS03 Datasheet HTML 2Page - Wall Industries,Inc. PSLS03 Datasheet HTML 3Page - Wall Industries,Inc. PSLS03 Datasheet HTML 4Page - Wall Industries,Inc. PSLS03 Datasheet HTML 5Page - Wall Industries,Inc. PSLS03 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev D
PSLS03 SERIES
3 Watts
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage (115V and 230V), <75% Humidity and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Isolation Voltage
Input-Output, 1 minute Test Time
3000
VAC
Switching Frequency
65
kHz
PHYSICAL SPECIFICATIONS
Weight
0.21oz (6g)
Dimensions (L x W x H)
SIP Model
1.38in x 0.65in x 0.43in
(35mm x 16.45mm x 11mm)
SIP Model with 90º Bend
1.38in x 0.71in x 0.43in
(35mm x 18mm x 11mm)
Cooling
Free Convection
SAFETY CHARACTERISTICS
Safety Standards & Certifications
IEC60950, EN60950, UL60950
Safety Class
Class II
EMI
CE
CISPR32/EN55032(4)
CISPR32/EN55032(5)
Class A
Class B
RE
CISPR32/EN55032(4)
CISPR32/EN55032(5)
Class A
Class B
ESD
IEC/EN61000-4-2
±4kV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m(5)
Perf. Criteria A
EFT
IEC/EN61000-4-4
IEC/EN61000-4-4
±2kV(4)
±4kV(5)
Perf. Criteria B
Perf. Criteria B
Surge
IEC/EN61000-4-5
IEC/EN61000-4-5
Line to line ±1kV(4)
Line to line ±1kV/line to ground ±2kV(5)
Perf. Criteria B
Perf. Criteria B
CS
IEC/EN61000-4-6
10Vr.m.s(5)
Perf. Criteria A
Voltage Dips, Short Interruptions and
Voltage Variations Immunity
IEC/EN61000-4-11
0%, 70%(5)
Perf. Criteria B
NOTES
1.
Add -F to model name to indicate 90º corner model.
2.
When 3.3V/5V/9V/12V models are working in -20-40ºC temperature range output filter capacitor C2 needs 270µF/16V solid-state capacitor.
3.
Ripple & Noise are measured by “parallel cable” method.
4.
See Fig. 1 for typical application circuit.
5.
See Fig. 2 for recommended circuit.
6.
External electrolytic capacitors are required to use modules.
7.
This part is open frame, at least 6.4mm safety distance between the primary and secondary external components of the module is needed to meet
safety requirement.
8.
In order to increase the conversion efficiency of the product with light load in the design, the product will have audio noise when it is operating, but
it will not affect the product’s reliability and performance.
9.
Module requires dispensing fixed after assembly.
10. Product customization available.
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com