Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS03 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSLS03
Description  Low Power Consumption, Green Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS03 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSLS03 Datasheet HTML 1Page - Wall Industries,Inc. PSLS03 Datasheet HTML 2Page - Wall Industries,Inc. PSLS03 Datasheet HTML 3Page - Wall Industries,Inc. PSLS03 Datasheet HTML 4Page - Wall Industries,Inc. PSLS03 Datasheet HTML 5Page - Wall Industries,Inc. PSLS03 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev D
PSLS03 SERIES
3 Watts
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 6
MECHANICAL DRAWINGS
SIP Package
Pin-Out
Pin
Function
1
AC (N)
3
AC (L)
5
+V (cap)
7
-V (cap)
10
-Vo
12
+Vo
1.
It is necessary to add C1 between pin5 and pin 7
2.
It is necessary to add pi-type filter circuit to the output, such as
the typical application in Fig 1.
3.
It is necessary to have distance ≥6.4mm for safety between
external components in primary circuit and secondary circuit.
Note:
Units in mm [inch]
Pin diameter tolerances: ±0.10[±0.004]
General Tolerances: ±0.50[±0.020]
The layout of the device is for reference only, please refer to the
actual product.
SIP Package with 90ºC Bend
Note: Grid 2.54*2.54mm
Pin-Out
Pin
Function
1
AC (N)
3
AC (L)
5
+V (cap)
7
-V (cap)
10
-Vo
12
+Vo
1.
It is necessary to add C1 between pin5 and pin 7
2.
It is necessary to add pi-type filter circuit to the output, such as
the typical application in Fig.1.
Note:
Units in mm [inch]
Pin diameter tolerances: ±0.10[±0.004]
General Tolerances: ±0.50[±0.020]
The layout of the device is for reference only, please refer to the
actual product.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com