Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS03 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSLS03
Description  Low Power Consumption, Green Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS03 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSLS03 Datasheet HTML 1Page - Wall Industries,Inc. PSLS03 Datasheet HTML 2Page - Wall Industries,Inc. PSLS03 Datasheet HTML 3Page - Wall Industries,Inc. PSLS03 Datasheet HTML 4Page - Wall Industries,Inc. PSLS03 Datasheet HTML 5Page - Wall Industries,Inc. PSLS03 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev D
PSLS03 SERIES
3 Watts
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 6
DESIGN REFERENCE
1. Typical Application Circuit
Model
FUSE
(Necessary)
C1
(Necessary)
L2
NTC
C2
(Necessary)
L1
(Necessary)
C3
(Necessary)
C4
CY0
TVS
PSLS03-15B03S(-F)
1A/300V
10µF/400V
(-20 to +85ºC)
22µF/450V
(-40 to +85ºC)
4.7mH
13D-5
270µF16V
(Solid
Capacitor)
4.7µH
120µF/25V
0.1µF/
50V
1nF/400
VAC
SMBJ7.0A
PSLS03-15B05S(-F)
68µF/35V
PSLS03-15B09S(-F)
SMBJ12A
PSLS03-15B12S(-F)
SMBJ20A
PSLS03-15B15S(-F)
470µF/35V
47µF/35V
PSLS03-15B24S(-F)
220µF/35V
SMBJ30A
Note:
C1: AC Input, C1 is input filer capacitor (required)
DC Input is a filtering capacitor in EMC filter (required)
R1: Limit current resistance, the value of R1 is 12Ω, 2W; if the capacitance value of C1≥22µF, you cannot take.
C2 and C3 are output flier capacitors (required), C2, C3 and L1 form a pi-type filter circuit, they are recommended to be high frequency
and low impedance electrolytic capacitors. Capacitance and rated ripple current of capacitors refer to the data sheets provided by factory.
Capacitor voltage reduced to at least 80%. C4 is a ceramic capacitor, which is used to filter high frequency noise. Current of L1 and L2
refer to the data sheets provided by factory. Current rating should be 80%. TVS is a recommended component to protect post-circuit (if
converter fails). External input NTC model is recommended to use 13D-5. External input MOV model is recommended to us S14K350.
2. EMC Solution-Recommended Circuit
Components
Recommended Parameter
MOV2
S14K350
CY1
2.2nF/400VAC
CY2/CY3
1nF/400VAC
CX
0.1µF/310VAC
LCM
3.5mH
LDM
0.33mH
R2/R3
12Ω/2W
FUSE (Required)
1A/300V, Slow Fusing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com