Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCJSN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUWCJSN
Description  SMD ceramic Package with Silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCJSN Datasheet(HTML) 1 Page - OSRAM GmbH

  LUWCJSN Datasheet HTML 1Page - OSRAM GmbH LUWCJSN Datasheet HTML 2Page - OSRAM GmbH LUWCJSN Datasheet HTML 3Page - OSRAM GmbH LUWCJSN Datasheet HTML 4Page - OSRAM GmbH LUWCJSN Datasheet HTML 5Page - OSRAM GmbH LUWCJSN Datasheet HTML 6Page - OSRAM GmbH LUWCJSN Datasheet HTML 7Page - OSRAM GmbH LUWCJSN Datasheet HTML 8Page - OSRAM GmbH LUWCJSN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2013-01-30
1
2013-01-30
CURAMOS 3020
Datasheet
Version 1.1
LUW CJSN
High efficient lightsource at small dimensions
(between 50 mA and 250 mA constant current) and 29
lm with 95 lm/W at 100 mA (typ. 40 lm at 150 mA)
Hocheffiziente Lichtquelle bei geringem Platzbedarf
(zwischen 50 mA und 250 mA (konstantem Strom) mit
29 lm und 95 lm/W bei 100 mA (typ. 40 lm bei 150 mA).
Features:
Besondere Merkmale:
• Package: SMD ceramic Package with Silicone
resin
• Gehäusetyp: SMD ceramic Package with Silicone
resin
• Technology: ThinGaN (UX:3)
• Technologie: ThinGaN (UX:3)
• Viewing angle at 50 % IV: 120°
• Abstrahlwinkel bei 50 % IV: 120°
• Color: Cx = 0.29, Cy = 0.26 acc. to CIE 1931 ()
• Farbe: Cx = 0.29, Cy = 0.26 nach CIE 1931 ()
• Optical efficiency (typ.): 95 lm/W ()
• Optischer Wirkungsgrad (typ.): 95 lm/W ()
• ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
• ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• LCD Backlighting
• LCD Beleuchtung
• Headup Display
• Headup Display
• Dashboard Backlighting
• Instrumentenbeleuchtung


Similar Part No. - LUWCJSN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCJSN-GYHY-EULW-35 OSRAM-LUWCJSN-GYHY-EULW-35 Datasheet
797Kb / 23P
High efficient lightsource at small dimensions
More results

Similar Description - LUWCJSN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
SMD package with silicone resin
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
SMD package with silicone resin
LUWC9EN OSRAM-LUWC9EN Datasheet
380Kb / 18P
SMD ceramic package with diffused silicone resin
LUWC9EP OSRAM-LUWC9EP Datasheet
616Kb / 18P
SMD ceramic package with diffused silicone resin
LWC9EN OSRAM-LWC9EN Datasheet
578Kb / 17P
SMD ceramic package with diffused silicone resin
LW-C9EN OSRAM-LW-C9EN Datasheet
578Kb / 17P
SMD ceramic package with diffused silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
SMD package with silicone resin
LUW-C9EN OSRAM-LUW-C9EN Datasheet
380Kb / 18P
SMD ceramic package with diffused silicone resin
LUW-C9EP OSRAM-LUW-C9EP Datasheet
616Kb / 18P
SMD ceramic package with diffused silicone resin
LUW-CJSN OSRAM-LUW-CJSN Datasheet
302Kb / 23P
SMD ceramic Package with Silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com