Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCJSN Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LUWCJSN
Description  SMD ceramic Package with Silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCJSN Datasheet(HTML) 4 Page - OSRAM GmbH

  LUWCJSN Datasheet HTML 1Page - OSRAM GmbH LUWCJSN Datasheet HTML 2Page - OSRAM GmbH LUWCJSN Datasheet HTML 3Page - OSRAM GmbH LUWCJSN Datasheet HTML 4Page - OSRAM GmbH LUWCJSN Datasheet HTML 5Page - OSRAM GmbH LUWCJSN Datasheet HTML 6Page - OSRAM GmbH LUWCJSN Datasheet HTML 7Page - OSRAM GmbH LUWCJSN Datasheet HTML 8Page - OSRAM GmbH LUWCJSN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2013-01-30
4
Version 1.1
LUW CJSN
Characteristics (TS = 25 °C; IF = 100 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
2) page 22
Farbkoordinaten nach CIE 1931 2) Seite 22
(typ.)
(typ.)
Cx
Cy
0.285
0.26
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2
120
°
Forward voltage 3) page 22
Durchlassspannung 3)Seite 22
(min.)
(typ.)
(max.)
VF
VF
VF
2.75
3.10
3.50
V
V
V
Real thermal resistance junction / solder point
4) page 22
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 22
(typ.)
(max.)
Rth JS real
Rth JS real
56
67
K/W
K/W
"Electrical" thermal resistance junction / solder
point 4)page 22
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4)Seite 22
(with efficiency e = 20 %)
(typ.)
(max.)
Rth JS el
Rth JS el
45
54
K/W
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com