Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCJSN Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LUWCJSN
Description  SMD ceramic Package with Silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCJSN Datasheet(HTML) 5 Page - OSRAM GmbH

  LUWCJSN Datasheet HTML 1Page - OSRAM GmbH LUWCJSN Datasheet HTML 2Page - OSRAM GmbH LUWCJSN Datasheet HTML 3Page - OSRAM GmbH LUWCJSN Datasheet HTML 4Page - OSRAM GmbH LUWCJSN Datasheet HTML 5Page - OSRAM GmbH LUWCJSN Datasheet HTML 6Page - OSRAM GmbH LUWCJSN Datasheet HTML 7Page - OSRAM GmbH LUWCJSN Datasheet HTML 8Page - OSRAM GmbH LUWCJSN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.1
LUW CJSN
2013-01-30
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 22
Durchlassspannungsgruppe 3) Seite 22
Group
Luminous Flux
1) page 22
Luminous Flux
1) page 22
Luminous Intensity
5) page 22
Gruppe
Lichtstrom 1)Seite 22
Lichtstrom 1) Seite 22
Lichtstärke 5) Seite 22
(min.) V [lm]
(max.) V [lm]
(typ.) IV [cd]
GY
21
24
7.4
GZ
24
28
8.6
HX
28
33
10.1
HY
33
39
11.9
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen bestehen. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
3
2.75
2.90
4
2.90
3.20
5
3.20
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com