Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1601 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP1601
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP1601 Datasheet HTML 12Page - Monolithic Power Systems MP1601 Datasheet HTML 13Page - Monolithic Power Systems MP1601 Datasheet HTML 14Page - Monolithic Power Systems MP1601 Datasheet HTML 15Page - Monolithic Power Systems MP1601 Datasheet HTML 16Page - Monolithic Power Systems MP1601 Datasheet HTML 17Page - Monolithic Power Systems MP1601 Datasheet HTML 18Page - Monolithic Power Systems MP1601 Datasheet HTML 19Page - Monolithic Power Systems MP1601 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP1601 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP1601 Rev. 1.0
www.MonolithicPower.com
17
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting
the
Output
Voltage
(Only
for
MP1601GTF)
The external resistor divider sets the output
voltage (see the Typical Application Circuit on
Figure 12
). Select the feedback resistor (R1),
typically between 40kΩ to 200kΩ, to reduce the
VOUT leakage current. There is no strict
requirement on the feedback resistor. R1 >
10kΩ is reasonable for most applications.
Calculate R2 with Equation (2):
out
R1
R2
V
1
0.6
(2)
Figure 10 shows the feedback circuit.
Figure 10: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Values for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200 (1%)
300 (1%)
1.2
200 (1%)
200 (1%)
1.8
200 (1%)
100 (1%)
2.5
200 (1%)
63.2 (1%)
3.3
200 (1%)
44.2 (1%)
Selecting the Inductor
Most applications work best with a 0.47µH-to-
2.2µH inductor. Select an inductor with a DC
resistance below 50mΩ to optimize efficiency.
A high-frequency switch mode power supply
with a magnetic device has a strong, electronic,
magnetic inference for the system. Any un-
shielded power inductor should be avoided.
Metal alloy or multiplayer chip power inductors
are ideal shielded inductors for the application
of the EMI as they can decrease the influence
effectively. Table 2 lists some recommended
inductors.
Table 2: Suggested Inductor List
Manufacturer P/N
Inductance (μH )
Manufacturer
PIFE25201B-1R0MS
1.0
CYNTEC CO.
LTD
1239AS-H-1R0M
1.0
Tokyo
74438322010
1.0
Wurth
For most designs, the inductance value can be
calculated with Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(3)
Where ∆IL is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30% of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (4):
L
L(MAX )
LOAD
I
II
2

(4)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter while maintaining the DC input
voltage. For best performance, use low ESR
capacitors. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 10µF capacitor is sufficient. Higher output
voltages may require a 22μF capacitor to
increase system stability.
The input capacitor requires an adequate ripple
current rating because it absorbs the input
switching current. Estimate the RMS current in
the input capacitor with Equation (5):
OUT
OUT
C1
LOAD
IN
IN
VV
II
1
VV






(5)
The worst case occurs at VIN = 2VOUT, shown in
Equation (6):
LOAD
C1
I
I
2
(6)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com