Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1601 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1601
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1601 Datasheet HTML 3Page - Monolithic Power Systems MP1601 Datasheet HTML 4Page - Monolithic Power Systems MP1601 Datasheet HTML 5Page - Monolithic Power Systems MP1601 Datasheet HTML 6Page - Monolithic Power Systems MP1601 Datasheet HTML 7Page - Monolithic Power Systems MP1601 Datasheet HTML 8Page - Monolithic Power Systems MP1601 Datasheet HTML 9Page - Monolithic Power Systems MP1601 Datasheet HTML 10Page - Monolithic Power Systems MP1601 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP1601 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP1601 Rev. 1.0
www.MonolithicPower.com
7
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.2V, L = 1.0µH, TA = +25°C, unless otherwise noted.
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
OUTPUT CURRENT (A)
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
INPUT VOLTAGE (V)
Load Regulation
vs. Output Current
VOUT=3.3V
VOUT=3.3V
VOUT=2.5V
VOUT=1.2V
VOUT=1.2V
VOUT=1.8V
IOUT=0.15A
IOUT=0.5A
IOUT=1A
Line Regulation
vs. Input Voltage
Case Temperature Rise
vs. Output Current
Efficiency
vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
VIN=3.3V
VOUT=1.2V
VOUT=2.5V
VOUT=1.8V
1
1.5
2
2.5
3
-0.2
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
12
14
16
18
20
23456
23456
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
2345
6
INPUT VOLTAGE (V)
23456
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
VEN=0V
Current Limit vs. VIN
0
2
4
6
8
10
12
VIN=3.3V
VIN=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com