Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1601 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1601
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1601 Datasheet HTML 8Page - Monolithic Power Systems MP1601 Datasheet HTML 9Page - Monolithic Power Systems MP1601 Datasheet HTML 10Page - Monolithic Power Systems MP1601 Datasheet HTML 11Page - Monolithic Power Systems MP1601 Datasheet HTML 12Page - Monolithic Power Systems MP1601 Datasheet HTML 13Page - Monolithic Power Systems MP1601 Datasheet HTML 14Page - Monolithic Power Systems MP1601 Datasheet HTML 15Page - Monolithic Power Systems MP1601 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP1601 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP1601 Rev. 1.0
www.MonolithicPower.com
12
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin # Name Description
1
FB/PG
MP1601GTF: Feedback. An external resistor divider from the output to GND tapped to FB sets
the output voltage.
MP1601GTF-XX: Power good indicator. The output of PG is an open-drain output. Keep PG
pulls up voltage is not more than Vin.
2
GND Power ground.
3
VIN
Supply voltage. The MP1601 operates on a +2.3V to +5.5V unregulated input. A decoupling
capacitor is needed to prevent large voltage spikes from appearing at input.
4
SW
Output switching node. SW is the drain of the internal high-side P-channel MOSFET. Connect
the inductor to SW to complete the converter.
5
EN
On/off control.
6
OUT
Output voltage power rail and input sense. Connect the load to OUT. An output capacitor is
needed to decrease the output voltage ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com