Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM690ACSA Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM690ACSA
Description  UP Power Supply Supervisor With Battery Backup Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM690ACSA Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM690ACSA Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Monitoring Capabilities Of The Power-fail Input:
Although designed for power supply failure monitoring, the
PFI pin can be used for monitoring any voltage condition that
can be scaled by means of a resistive divider. An example is
the negative power supply monitor configured in Figure 8. In
this case a good negative supply will hold the PFI pin below
1.25V and the PFO pin will be at logic “0”. As the negative
voltage declines, the voltage at the PFI pin will rise until it
exceeds 1.25V and the PFO pin will go to logic “1”.
VCC
PFI
GND
R1
R2
V-
V- = VTRIP
PFO
+5V
ASM690A
ASM692A
ASM802L
ASM802M
ASM805L
+5V
PFO
0V
VTRIP
V-
0V
51.25
R1
-------------------
1.25 VTRIP
R2
-------------------------------
=
Figure 8: Using PFI To Monitor Negative Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com