Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM690ACSA Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM690ACSA
Description  UP Power Supply Supervisor With Battery Backup Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM690ACSA Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM690ACSA Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Alliance Semiconductor
2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
rev 1.0
µP Power Supply Supervisor With Battery Backup Switch
ASM690A / 692A
ASM802L / 802M
ASM805L
October 2003
General Description
The AS690A / AS692A / AS802L / AS802M / AS805L offers
complete single chip solutions for power supply monitoring and
control battery functions in microprocessor systems. Each
device implements four functions: Reset control, watchdog
monitoring,
battery-backup
switching
and
power-failure
monitoring. In addition to microprocessor reset under power-up
and power-down conditions, these devices provide battery-
backup switching to maintain control in power loss and brown-
out situations. Additional monitoring capabilities can provide an
early warning of unregulated power supply loss before the
voltage regulator drops out. The important features of these
four functions are:
1.6 second watchdog timer to keep microprocessor
responsive
4.40V or 4.65V VCC threshold for microprocessor reset at
power-up and power-down
SPDT (Single-pole, Double-throw) PMOS switch connects
backup power to RAM if VCC fails
1.25V threshold detector for power loss or general purpose
voltage monitoring
These features are pin-compatible with the industry standard
power-supply supervisors. Short-circuit and thermal protection
have also been added. The AS690A / AS802L /
AS805L
generate a reset pulse when the supply voltage drops below
4.65V and the AS692A / AS802M generate a reset below
4.40V. The ASM802L / ASM802M have power-fail accuracy to
± 2%. The ASM805L is the same as the ASM690A except that
RESET is provided instead of RESET.
Features
Two precision supply-voltage monitor options
•4.65V (AS690A / AS802L / AS805L)
•4.40V (AS692A / AS802M )
Battery-backup power switch on-chip
Watchdog timer: 1.6 second timeout
Power failure / low battery detection
Short circuit protection and thermal limiting
Small 8-pin SO package
No external components
Specified over full temperature range
Applications
Embedded control systems
Portable/Battery operated systems
Intelligent instruments
Wireless instruments
Wireless communication systems
PDAs and hand-held equipments
µP / µC power supply monitoring
Safety system
Typical Operating Circuit
Block Diagram
+
_
R1
R2
0.1 µF
3.6 V
Lithium
Battery
ASM690A
Regulated +5V
Unregulated DC
VBATT
GND
VOUT
WDI
PFO
PFI
RESET
VCC
VCC
RESET
GND
GND
NMI
I/O LINE
VCC
CMOS
RAM
Battery-Switchover Circuit
Reset
Generator
Watchdog
Timer
VBATT
VCC
WDI
PFI
VOUT
RESET
(RESET)
PFO
1.25V
3.5V
0.8V
1.25V
GND
1
2
3
4
5
6
7
8
|+
|+
|+
|+
-
+
-
+
-
+
-
+
ASM690A, ASM692A, ASM802L, ASM802M, (ASM805L)
Battery-Switchover Circuit
Reset
Generator
Watchdog
Timer
VBATT
VCC
WDI
PFI
VOUT
RESET
(RESET)
PFO
1.25V
3.5V
0.8V
1.25V
1
2
4
5
6
7
8
|+
|+
|+
|+
-
+
-
+
-
+
-
+


Similar Part No. - ASM690ACSA

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM690ACSA PULSECORE-ASM690ACSA Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
logo
ON Semiconductor
ASM690ACSA ONSEMI-ASM690ACSA Datasheet
202Kb / 12P
Power Supply Supervisor
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM690ACSAF PULSECORE-ASM690ACSAF Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
logo
ON Semiconductor
ASM690ACSAF ONSEMI-ASM690ACSAF Datasheet
202Kb / 12P
Power Supply Supervisor
August, 2011 ??Rev. 3
More results

Similar Description - ASM690ACSA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
Power Supply Supervisor
August, 2011 ??Rev. 3
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
BATTERY BACK-UP POWER SUPPLY
logo
Texas Instruments
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
Adustable battery-backup supervisor for ram retention
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com