Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM690ACSA Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # ASM690ACSA
Description  UP Power Supply Supervisor With Battery Backup Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM690ACSA Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM690ACSA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM690ACSA Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Electrical Characteristics:
Unless other wise noted, VCC = 4.75V to 5.5V for the ASM690A / ASM802L / ASM805L and VCC = 4.5V to 5.5V for the ASM692A / ASM802M;
VBATT = 2.8V; and TA = TMIN to TMAX.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VCC, VBATT Voltage
Range (Note 1)
ASM69_AC, ASM802_C
1.1
5.5
V
ASM805LC
1.1
5.5
ASM69_AE, ASM80__E
1.1
5.5
Supply Current
Excluding IOUT
IS
ASM69_AC, ASM80__E
35
100
µA
ASM69_AC, ASM802_C
35
100
ISUPPLY in Battery
Backup Mode
(Excluding IOUT)
VCC = 0V, VBATT=2.8V
TA = 25°C
TA = TMIN to TMAX
1.0
5.0
µA
VBATT Standby
Current (Note 2)
5.5V>VCC>VBATT-0.2V
TA = 25°C
TA = TMIN to TMAX
-0.1
-1.0
0.02
0.02
µA
VOUT Output
IOUT = 5mA
VCC-
0.025
VCC-0.010
V
IOUT = 50mA
VCC-0.25
VCC-0.10
VOUT in Battery
Backup Mode
IOUT=250µA, VCC < VBATT-0.2V
VBATT-0.1
VBATT-0.001
V
Battery Switch
Threshold,
VCC to VBATT
VCC < VRT
Power Up
Power Down
20
-20
mV
Battery Switch over
Hysteresis
40
mV
Reset Threshold
VRT
ASM690A/802L/805L
4.50
4.65
4.75
V
ASM692A, ASM802M
4.25
4.40
4.50
ASM802L, TA = 25°C, VCC falling
4.55
4.70
ASM802M, TA=25°C, VCC falling
4.30
4.45
Notes:
1. If VCC or VBATT is 0V, the other must be greater than 2.0V.
2. Battery charging-current is “-”. Battery discharge current is “+”.
3. WDI is guaranteed to be in an intermediate level state if WDI is floating and VCC is within the operating voltage range. WDI
input impedance is 50 k
Ω. WDI is biased to 0.3VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com