Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM690AESA Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM690AESA
Description  UP Power Supply Supervisor With Battery Backup Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM690AESA Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM690AESA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Package Information
Inches
Millimeters
Min
Max
Min
Max
Plastic DIP (8-Pin) *
A
-
0.210
-
5.33
A1
0.015
-
0.38
-
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b2
0.045
0.070
1.14
1.78
b3
0.030
0.045
0.80
1.14
D
0.355
0.400
0.80
1.14
D1
0.005
-
0.13
-
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100
-
2.54
eA
0.300
-
7.62
eB
-
0.430
-
10.92
eC
-
0.060
L
0.115
0.150
2.92
3.81
CerDIP (8-Pin)
A
-
0.200
-
5.08
A1
0.015
0.070
0.38
1.78
b
0.014
0.023
0.36
0.58
B2
0.038
0.065
0.97
1.65
C
0.008
0.015
0.20
0.38
D
-
0.405
-
10.29
D1
0.005
-
0.13
-
E
0.290
0.320
7.37
8.13
E1
0.220
0.310
5.59
7.87
e
0.100
2.54
L
0.125
0.200
3.18
5.08
SO (8-Pin) **
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.19
0.25
e
0.050
1.27
E
0.150
0.157
3.80
4.00
H
0.228
0.244
5.80
6.20
L
0.016
0.050
0.40
1.27
D
0.189
0.197
4.80
5.00
Plastic DIP (8-Pin)
CerDIP (8-Pin)
SO (8-Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com