Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM690AESA Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM690AESA
Description  UP Power Supply Supervisor With Battery Backup Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM690AESA Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM690AESA Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Detailed Description
It is important to initialize a microprocessor to a known state
in response to specific events that could create code
execution errors and “lock-up”. The reset output of these
supervisory circuits send a reset pulse to the microprocessor
in response to power-up, power-down/power-loss or a
watchdog time-out.
RESET/RESET Timing
Power-up reset occurs when a rising VCC reaches the reset
threshold, VRT, forcing a reset condition in which the reset
output is asserted in the appropriate logic state for the
duration of tRS. The reset pulse width, tRS, is typically around
200ms and is LOW for the ASM690A, ASM692A, ASM802
and HIGH for the ASM805L. Figure 1 shows the reset pin
timing.
Power-loss or “brown-out” reset occurs when VCC dips below
the reset threshold resulting in a reset assertion for the
duration of tRS. The reset signal remains asserted as long as
VCC is between VRT and 1.1V, the lowest VCC for which these
devices can provide a guaranteed logic-low output. To ensure
logic inputs connected to the ASM690A / ASM692A/ASM802
RESET pin are in a known state when VCC is under 1.1V, a
100k
Ω pull-down resistor at RESET is needed: the logic-high
ASM805L will need a pull-up resistor to VCC.
Watchdog Timer
A Watchdog time-out reset occurs when a logic “1” or logic
“0” is continuously applied to the WDI pin for more than 1.6
seconds. After the duration of the reset interval, the watchdog
timer starts a new 1.6 second timing interval; the
microprocessor must service the watchdog input by changing
states or by floating the WDI pin before this interval is
finished. If the WDI pin is held either HIGH or LOW, a reset
pulse will be triggered every 1.8 seconds (the 1.6 second
timing interval plus the reset pulse width tRS).
Application Information
Microprocessor Interface
The ASM690 has logic-LOW RESET output while the
ASM805 has an inverted logic-HIGH RESET output.
Microprocessors with bidirectional reset pins can pose a
problem when the supervisory circuit and the microprocessor
output pins attempt to go to opposite logic states. The
problem can be resolved by placing a 4.7k
Ω resistor between
the RESET output and the microprocessor reset pin. This is
shown in Figure 2. Since the series resistor limits drive
capabilities, the reset signal to other devices should be
buffered.
Figure 1: RESET/RESET Timing
Figure 2: Interfacing with bi-directional
microprocessor reset inputs
VCC
RESET
RESET
GND
GND
VCC
ASM690A
Power Supply
Bi-directional I/O pin
RESET
Buffered
BUF
4.7K Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com