Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM690AESA Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM690AESA
Description  UP Power Supply Supervisor With Battery Backup Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM690AESA Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM690AESA Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM690AESA Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Pin Terminal Voltage with Respect to Ground
VCC
-0.3
6.0
V
VBATT
-0.3
6.0
V
All other inputs *
-0.3
VCC + 0.3
V
Input Current at VCC
200
mA
Input Current at VBATT
50
mA
Input Current at GND
20
mA
Output Current
VOUT
Short circuit protected
All other inputs
20
mA
Rate of Rise: VBATT and VCC
100
V/µs
Continuous Power Dissipation
Plastic DIP (derate 9mW/°C above 70°C)
800
mW
SO (derate 5.9mW/°C above 70°C)
500
mW
CerDIP (derate 8mW/°C above 70°C)
650
mW
Operating Temperature Range (C Devices)
0
70
°C
Operating Temperature Range (E Devices)
-40
85
°C
Storage Temperature Range
-65
160
°C
Lead Temperature Soldering, (10 sec)
300
°C
* The input voltage limits on PFI and WDI may be exceeded if the current is limited to less than 10mA
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com