Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2145GD Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2145GD
Description  5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2145GD Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2145GD Datasheet HTML 11Page - Monolithic Power Systems MP2145GD Datasheet HTML 12Page - Monolithic Power Systems MP2145GD Datasheet HTML 13Page - Monolithic Power Systems MP2145GD Datasheet HTML 14Page - Monolithic Power Systems MP2145GD Datasheet HTML 15Page - Monolithic Power Systems MP2145GD Datasheet HTML 16Page - Monolithic Power Systems MP2145GD Datasheet HTML 17Page - Monolithic Power Systems MP2145GD Datasheet HTML 18Page - Monolithic Power Systems MP2145GD Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP2145
– 5.5V, 6A, 1.2MHz, COT, BUCK SWITCHER
MP2145 Rev. 1.11
www.MonolithicPower.com
16
12/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see the Typical Application schematic).
Select
the
feedback
resistor
R1
which
considers reducing VOUT leakage current,
typically between 40k
Ω to 200kΩ. There is not
strict
requirement
on
feedback
resistor.
R1>10kΩ is reasoned for some application. R2
can be gotten below then:
out
R1
R2
V
1
0.6
The feedback circuit is shown as Figure 6:
R1
R2
Vout
FB
MP2145
Figure 6: Feedback Network
Table 1 lists the recommended resistors values
for common output voltages.
Table 1: Resistor Values for Common Output
Voltages
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
1.0
200(1%)
300(1%)
1.2
200(1%)
200(1%)
1.8
200(1%)
100(1%)
2.5
200(1%)
63.2(1%)
3.3
200(1%)
44.2(1%)
Selecting the Inductor
In order to achieve high efficiency at light load,
a low value inductor such as 0.47 µH is
recommended
for
most
applications.
For
highest efficiency, chose an inductor with a DC
resistance less than 30m
Ω. For most designs,
the inductance value can be derived from the
following equation.
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
Where
ΔI
L is the inductor ripple current.
Choose an inductor current to be approximately
30%
of
the
maximum
load
current.
The
maximum inductor peak current is:
L
L(MAX)
LOAD
I
II
2

Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, and requires a capacitor to
supply
the
AC
current
to
the
step-down
converter
while
maintaining
the
DC
input
voltage. Use low-ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R
dielectrics
are
highly
recommended
because of their low ESR values and small
temperature coefficients. For most applications,
a 22µF capacitor is sufficient. For higher output
voltage, 47uF may be needed to improve
system stability.
Since the input capacitor absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
OUT
OUT
C1
LOAD
IN
IN
VV
I
I
1
VV





The worse case condition occurs at VIN =
2VOUT, where:
LOAD
C1
I
I
2
For simplification, choose an input capacitor
whose RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, use a small high-quality ceramic
capacitor (0.1μF), placed as close to the IC as
possible. When using ceramic capacitors, make
sure that they have enough capacitance to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com