Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2145GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2145GD
Description  5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2145GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2145GD Datasheet HTML 10Page - Monolithic Power Systems MP2145GD Datasheet HTML 11Page - Monolithic Power Systems MP2145GD Datasheet HTML 12Page - Monolithic Power Systems MP2145GD Datasheet HTML 13Page - Monolithic Power Systems MP2145GD Datasheet HTML 14Page - Monolithic Power Systems MP2145GD Datasheet HTML 15Page - Monolithic Power Systems MP2145GD Datasheet HTML 16Page - Monolithic Power Systems MP2145GD Datasheet HTML 17Page - Monolithic Power Systems MP2145GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP2145
– 5.5V, 6A, 1.2MHz, COT, BUCK SWITCHER
MP2145 Rev. 1.11
www.MonolithicPower.com
14
12/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Light-Load Operation
During
light
loads,
the
MP2145
uses
a
proprietary control scheme to save power and
improve efficiency: There is a zero current
cross circuit to detect if the inductor current
starts to reverse. LS-FET turns off immediately
when the inductor current starts to reverse and
trigger the ZCD in discontinuous conduction
mode (DCM) operation.
Considering the internal circuit propagation time,
the typical delay is 50ns. It means the inductor
current still fall after the ZCD is trigger in this
delay. If the inductor current falling slew rate is
fast (VOUT voltage is high or close to Vin), the
low side MOSFET is turned off and inductor
current may be negative. This phenomena will
cause MP2145 can not enter DCM operation. If
the DCM mode is required, the off time of low
side MOSFET in CCM should be longer than
100ns. For example, Vin is 3.6V and Vo is 3.3V,
the off time in CCM is 70ns. It is difficult to enter
DCM at light load. And using smaller inductor
can improve it and make it enter DCM easily.
Enable
When the input voltage exceeds the under-
voltage
lockout
(UVLO)
threshold
—typically
2.55V
—the MP2145 can be enabled by pulling
the EN pin above 1.6V. Leaving EN pin floating
or grounded will disable the MP2145. There is
an internal 1MΩ resistor from the EN pin to
ground.
Mode
Selection
and
Analog
Voltage
Dynamic Regulation
MP2145 has programmable PWM and PFM
work mode. When MODE/VCON is more than
1.2V, MP2145 enters PWM mode. When
MODE/VCON is lower than 0.4V or floating,
MP2145 enters PFM mode. PFM mode can
achieve high efficiency by light-load operation.
PWM
mode
can
keep
constant
switch
frequency and smaller Vo ripple, but it has low
efficiency at light load.
Figure 5: Reference Voltage change with VCON
MP2145 can dynamic regulate output voltage
by MODE/VCON pin to meet some situation
need change output voltage directly. When
MOED/VCON pin get an appropriate voltage
value (from 0.6V to 1.1V), MP2145 will work
with PWM mode and internal reference voltage
changes smoothly to achieve a new output
voltage
without
changing
external
resistor
divider, as Figure 5. When VCON function is
enabled, set Ref voltage from 0.35V to 0.6V,
the accuracy is 3% typically. When set Ref
voltage from 0.1V to 0.35V, the accuracy is
10% typically. Detail Ref voltage calculation
formula such as below:
Ref(V)=0.985 VCON(V)-0.486
Soft-Start
The MP2145 has a built-in soft-start that ramps
up the output voltage at a constant slew rate
that avoids overshooting at startup. The soft-
start time is typically about 1.5ms.
Pre-Bias Startup
The MP2145 can start up with a pre-bias output
voltage. If the internal SS voltage is lower than
the FB voltage, the HS-FET and LS-FET
remain off until the SS voltage crosses the FB
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com