Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2145GD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2145GD
Description  5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2145GD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2145GD Datasheet HTML 9Page - Monolithic Power Systems MP2145GD Datasheet HTML 10Page - Monolithic Power Systems MP2145GD Datasheet HTML 11Page - Monolithic Power Systems MP2145GD Datasheet HTML 12Page - Monolithic Power Systems MP2145GD Datasheet HTML 13Page - Monolithic Power Systems MP2145GD Datasheet HTML 14Page - Monolithic Power Systems MP2145GD Datasheet HTML 15Page - Monolithic Power Systems MP2145GD Datasheet HTML 16Page - Monolithic Power Systems MP2145GD Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP2145
– 5.5V, 6A, 1.2MHz, COT, BUCK SWITCHER
MP2145 Rev. 1.11
www.MonolithicPower.com
13
12/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2145 uses constant on-time control with
input voltage feed-forward to stabilize the
switching frequency over its full input Voltage
range. During light loads, the MP2145 employs
a proprietary control over the low-side MOSFET
(LS-FET) and inductor current to improve
efficiency.
Constant-On-Time Control
When
compared
to
fixed-frequency
PWM
control,
constant-on-time
control
offers
a
simpler
control
loop
and
faster
transient
response.
The MP2145’s input-voltage feed-
forward maintains a nearly constant switching
frequency across the entire input and output
voltage range. The on-time of the switching
pulse can be estimated as:
OUT
ON
IN
V
t
0.83 s
V
To prevent inductor current runaway during the
load
transient,
the
MP2145
has
a
fixed
minimum off time of 60ns. However, this
minimum off time limit does not affect the
operation of the MP2145 in steady state in any
way.
Sleep Mode Operation
MP2145 features sleep mode to get high
efficiency at extreme light load. In sleep-mode,
most of the circuit blocks are turned off, except
the error amplifier and PWM comparator, thus
the operation current is reduced to a minimal
value, as Figure 2.
When the loading gets lighter, the ripple of the
output voltage is bigger and it drives the error
amplifier output (EAO) lower. When EAO hits
an internal low threshold, it will be clamped at
that level, MP2145 enters sleep mode. During
sleep mode, the valley of the FB pin voltage is
regulated to the internal reference voltage, thus,
the average output voltage is slightly higher
than the output voltage at DCM or CCM mode.
The on-time pulse at sleep mode is around 40%
larger than that on DCM or CCM mode. Figure
3
shows
the
average
FB
pin
voltage
relationship with the internal reference at sleep
mode.
Bias
&
Voltage
Reference
0.6V
FB
+
+
-
FBCOMP
Soft start
E.A.
+
-
+
Ramp
generator
SW
Lo-Iq
Lo-Iq
Figure 2: Operation Blocks at Sleep Mode
FB
Vref
Average FB
Figure 3: FB Average Voltage at Sleep Mode
When MP2145 is in sleep mode, the average
output voltage is higher than the internal
reference voltage. The EAO is kept low and
clamped in sleep mode. When the loading
increases,
the
PWM
switching
period
decreases in order to keep the output voltage
regulated and the output voltage ripple is
decrease relatively. Once EAO is more than
internal low threshold, MP2145 will be out of
sleep mode and enter DCM or CCM mode
depending on the loading. In DCM or CCM
mode, the EA regulates the average output
voltage to the internal reference which is shown
in Figure 4.
FB+ Ramp
EA out
Average FB= REF
Figure 4: DCM Mode Control
There is always a loading hysteresis of entering
sleep mode and leaving sleep mode due to the
error amplifier clamping response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com