Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT2801
Description  5V/1.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT2801 Datasheet HTML 8Page - Active-Semi, Inc ACT2801 Datasheet HTML 9Page - Active-Semi, Inc ACT2801 Datasheet HTML 10Page - Active-Semi, Inc ACT2801 Datasheet HTML 11Page - Active-Semi, Inc ACT2801 Datasheet HTML 12Page - Active-Semi, Inc ACT2801 Datasheet HTML 13Page - Active-Semi, Inc ACT2801 Datasheet HTML 14Page - Active-Semi, Inc ACT2801 Datasheet HTML 15Page - Active-Semi, Inc ACT2801 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Rev 9, 14-Mar-17
Innovative PowerTM
- 12 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ACT2801/ACT2801B/ACT2801C
FUNCTIONAL DESCRIPTION
End of Charge
When charges current decreases to 13% of set fast charge current, the buck converter goes into end of
charge mode and keep monitoring the battery voltage.
Recharge
When battery voltage drops by 200mV below the end of charge voltage, the charger is reinitiated with
constant current charge.
VEOC
FAST CHARGEB CURRENT
VPRECHARGE
PRECONDITION CHARGE CURRENT
A
B
C
D
STATE
B
RECHARGE
Current
Voltage
END-OF-CHARGE CURRENT
A: PRECONDITION STATE
B: FAST-CHARGE STATE
C: TOP-OFF STATE
D: END-OF-CHARGE STATE
Figure 3.
Typical Li+ Charge Profile and ACT2801/ACT2801B/ACT2801C Charge States
PRECONDITION
FAST CHARGE
DELAY
BATTERY PLACED AND (VIN > VBAT)
AND (VIN > UVLO) AND (VIN < VOVP)
AND VBAT ≤ 2.8V
VBAT > 2.8V (Typical)
VBAT = VEOC
TOP OFF
IBAT < IEOC
ANY STATE
END OF CHARGE
IBAT > IEOC
Figure 4.
Charger State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com