Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT2801
Description  5V/1.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT2801 Datasheet HTML 1Page - Active-Semi, Inc ACT2801 Datasheet HTML 2Page - Active-Semi, Inc ACT2801 Datasheet HTML 3Page - Active-Semi, Inc ACT2801 Datasheet HTML 4Page - Active-Semi, Inc ACT2801 Datasheet HTML 5Page - Active-Semi, Inc ACT2801 Datasheet HTML 6Page - Active-Semi, Inc ACT2801 Datasheet HTML 7Page - Active-Semi, Inc ACT2801 Datasheet HTML 8Page - Active-Semi, Inc ACT2801 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Rev 9, 14-Mar-17
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ACT2801/ACT2801B/ACT2801C
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
HZ
Boost/high-Z mode enable pin, internally pulled up by a 3MΩ resistor to battery. When
HZ pin is pulled ground, boost is enabled if VIN is not present.
2
PB
Push button input, connect a push button from this pin to AGND, internally pulled up
by a 3MΩ resistor to battery. PB starts up boost converter if HZ pin is grounded and
VIN is not present. For ACT2801B/ACT2801C, if this pin is pushed for 3s, flashlight is
enabled.
3
AGND
Logic Ground. AGND must be connected to PGND externally through ground plane.
4
nPG
Drive external P-FET to protect output short circuit and leakage during shutdown. nPG
pin is pulled up to VOUT internally. nPG pin is pulled low if VOUT is in the range.
5
ILIM
Input current limit setting pin. Connect a resistor from this pin to AGND to set the input
current limit. The current setting ranges from 0.5A-2.0A.
6
VIN
USB or AC adaptor input. When VIN is valid, charge and power path is enabled.
7, 8
VOUT
Output pin. Bypass to PGND with a high quality low ESR and ESL ceramic capacitor
placed as close to the IC as possible.
9, 10
SW
Internal switch to output inductor terminal.
11
PGND
Power ground. PGND is connected to the source of low-side N-channel MOSFET and
the MOSFET’s gate driver. PGND must be connected to AGND externally through
ground plane.
12
BAT
Battery input. Connected to the battery pack positive terminal to provide power in High-
Z mode. Bypass to PGND with a high quality ceramic capacitor placed as close to the
IC as possible.
13
CSP
Positive terminal of charge current sense input. Kevin sense is required with 10nF
ceramic capacitor right across CSP and CSN pins.
14
CSN
Negative terminal of charge current sense input.
15
IOST
Output current setting. Connect a resistor from this pin to AGND to set output constant
current. The current setting ranges from 0.5A-1.5A.
16
ICST
Fast charge current setting pin. Connect a resistor from this pin to AGND to set the
charge current. The current setting ranges from 0.5A-1.5A.
17
BTV
Battery termination voltage setting. Connect a resistor from this pin to AGND to
program battery charge termination voltage.
18
LED1
Battery level indicator. An internal 3.5mA sink current limit is built in.
19
LED2
Battery level indicator. An internal 3.5mA sink current limit is built in.
20
LED3
Battery level indicator. An internal 3.5mA sink current limit is built in.
21
LED4
Battery level indicator. An internal 3.5mA sink current limit is built in.
22
RIMC
Battery impendence compensation input. Connect to a resistor from this pin to APNG
to program the battery impedance.
23
BLVS
Battery level voltage shift. Connect a resistor from this pin to AGND to shift the battery
LED indication thresholds.
24
TH/FLD
TH: ACT2801
Temperature sensing input. Connect to battery thermistor terminal. If not use, put 10K
pull down resistor to AGND.
FLD: ACT2801B/ACT2801C
Open-drain flashlight driver. A internal switch can handle up to 50mA.
25
EP
Exposed pad. Must be soldered to ground on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com