Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801 Datasheet(PDF) 23 Page - Active-Semi, Inc

Part # ACT2801
Description  5V/1.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Datasheet(HTML) 23 Page - Active-Semi, Inc

Back Button ACT2801 Datasheet HTML 17Page - Active-Semi, Inc ACT2801 Datasheet HTML 18Page - Active-Semi, Inc ACT2801 Datasheet HTML 19Page - Active-Semi, Inc ACT2801 Datasheet HTML 20Page - Active-Semi, Inc ACT2801 Datasheet HTML 21Page - Active-Semi, Inc ACT2801 Datasheet HTML 22Page - Active-Semi, Inc ACT2801 Datasheet HTML 23Page - Active-Semi, Inc ACT2801 Datasheet HTML 24Page - Active-Semi, Inc ACT2801 Datasheet HTML 25Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Rev 9, 14-Mar-17
Innovative PowerTM
- 23 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ACT2801/ACT2801B/ACT2801C
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
5.15
5.10
5.05
5.00
4.95
4.90
Boost Output Current (mA)
0
200
400
600
800
1000
1200
1400
Boost Output Voltage VS. Output Current
Boost Output Voltage VS. Temperature
5.4
5.3
5.2
5.1
5.0
4.9
4.8
Temperature (°C)
-30
0
30
60
90
120
150
Boost Output Constant Current Limit
VS. Temperature
1400
1350
1300
1250
1200
1150
Temperature (°C)
-30
0
30
60
90
120
150
VBAT = 3.2V
VBAT = 4.1V
VBAT = 3.5V
CV = 4.5V
Rcs=50mΩ(1%)
VBAT = 3.5V
VOUT = 5.05V
(Schematic as show in Figure 22, Ta = 25°C, unless otherwise specified)
Boost Standby Current VS. Battery Voltage
051
0.50
0.49
0.48
0.47
0.46
0.45
Battery Voltage(V)
2.8
3.1
3.4
3.7
4.0
4.3
4.6
Battery Leakage VS. Battery Voltage
(HZ Mode)
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
Battery Voltage(V)
0
1.0
2.0
3.0
4.0
5.0
Boost Output Constant Current Limit
VS. VBAT
1330
1325
1320
1315
1310
1305
1300
Vbat (V)
3.0
3.2
3.4
3.6
3.8
4.0
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com