Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2803 Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT2803
Description  5V/2.4A Dual Cell Battery Power Manager
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2803 Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT2803 Datasheet HTML 10Page - Active-Semi, Inc ACT2803 Datasheet HTML 11Page - Active-Semi, Inc ACT2803 Datasheet HTML 12Page - Active-Semi, Inc ACT2803 Datasheet HTML 13Page - Active-Semi, Inc ACT2803 Datasheet HTML 14Page - Active-Semi, Inc ACT2803 Datasheet HTML 15Page - Active-Semi, Inc ACT2803 Datasheet HTML 16Page - Active-Semi, Inc ACT2803 Datasheet HTML 17Page - Active-Semi, Inc ACT2803 Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Rev 1, May-12-2016
Innovative PowerTM
- 14 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2803
APPLICATIONS INFORMATION
HYST pin is regulated at 1V. Its input current will
determine hysteresis adjustment equally to all level.
Connect HYST to APGN via a resistor to set
hysteresis window.
Beside the hysteresis window, to avoid comparison
oscillation, fixed 100mV of hysteresis is added to
each LEVEL comparator.
Hysteresis window is given by below equation:
RHYST Example is given by the below table:
Battery Impedance Compensation
To avoid the number of LEDs changes between
charge and discharge modes. Internal impedance
compensation circuit is built in. An external resistor
is used to set the impedance from 100mΩ to
800mΩ.
RIMC
is
corresponding
to
battery
impedance. The LED1-4 thresholds shifted up and
down based on the product of charge/discharge
current and set impedance. RIMC value is given by
below equation.
In case not using compensation, float RIMC then
there is no compensation affects to trig-points.
RIMC example is given by the below table:
Battery Temperature Monitering
The
ACT2803
monitors
the
battery
pack
temperature by measuring TH voltage at the TH pin
as shows in Figure 4. The TH pin is connected to
the thermistor resistor net which includes a negative
temperature coefficient thermistor. An internal
current source provides a bias current to generate
TH voltage. The ACT2803 compares the voltage at
the TH pin with the internal VTHH and VTHL
thresholds to determine if charging or discharging is
allowed. When VTH<VTHL or VTH >VTHH, it will be
triggered latch off fault, there is 3 ways to wake up
ACT2803 when VTH returns to the normal range.
1. Push PB when latch off bit is not set
2. I2C to clear faults in standby
3. Plug Vin to power up
Figure 4:
Thermistor setting
RNTCc : NTC Resistor at cold temperature (Tcold)
RNTCh : NTC Resistor at hot temperature (Thot)
From (7) (8) (9) and (10) calculate Ra and Rb in
charge mode, as the same method, the resistors in
discharge mode can be calculated.
For example, use NXRT15XH103 NTC resistor, the
temperature in charge mode is 0℃ to 45℃,we
know RNTCC=27.219k and 4.917k at 0℃ to 45℃,
respectively. We can calculate Ra=33kΩ and
Rb=2.87kΩ based on the above formulas. As the
same method we can calculate the value when the
temperature is -20℃ to 60℃.
Cell Balance Setting
ACT2803 has integrated a cell balance feature to
reduce the un-balance charge between dual
batteries. Normally cell balance is activated during
Fast Charge and Top Off modes.


4
)
(
K
HYST
R
54K
V
HYST
RHYST (kΩ)
LED1
VHYST
LED2
VHYST
LED3
VHYST
LED4
VHYST
Floating
0mV
0mV
0mV
0mV
270
120mV
120mV
100mV
100mV
135
240mV
240mV
200mV
200mV
90
360mV
360mV
300mV
300mV
67.5
480mV
480mV
400mV
400mV
54
600mV
600mV
500mV
500mV
45
720mV
720mV
600mV
600mV
)
6
(
)
(
)
(
2160
)
(
m
R
m
R
k
k
R
BAT
CS
IMC
RBAT (mΩ)
100
200
300
400
500
600
700
RCS = 25 mΩ
540k 270k 180k 135k 108k 90k
77k
RCS = 50 mΩ
1080k 540k 360k 270k 216k 180k 154k
)
7
(
hot
Rc
I
V
CHG
TCL
)
9
(
NTCh
NTCh
R
Ra
R
Ra
Rb
hot
Rc
)
10
(
NTCc
NTCc
R
Ra
R
Ra
Rb
cold
R
)
8
(
cold
R
I
V
CHG
TCH
+
+
TH
VTCL=1V
NTC
VTCH=2.5V
+
+
VTDL=0.57V
VTDH=2.5V
IDIS=100uA
ICHG=140uA
ACT2803
CHG_HOT
CHG_COLD
DIS_HOT
DIS_COLD
Rb
Ra
Li+ Battery
Pack
 5
*
6
.
0
1
:
2
*
5
.
0
3
:
4
HYST
V
HYST
V
HYST
HYST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com