Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2803 Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT2803
Description  5V/2.4A Dual Cell Battery Power Manager
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2803 Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT2803 Datasheet HTML 14Page - Active-Semi, Inc ACT2803 Datasheet HTML 15Page - Active-Semi, Inc ACT2803 Datasheet HTML 16Page - Active-Semi, Inc ACT2803 Datasheet HTML 17Page - Active-Semi, Inc ACT2803 Datasheet HTML 18Page - Active-Semi, Inc ACT2803 Datasheet HTML 19Page - Active-Semi, Inc ACT2803 Datasheet HTML 20Page - Active-Semi, Inc ACT2803 Datasheet HTML 21Page - Active-Semi, Inc ACT2803 Datasheet HTML 22Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Rev 1, May-12-2016
Innovative PowerTM
- 20 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2803
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Schematic as show in Figure 7, Ta = 25°C, unless otherwise specified)
Buck Output Constant Current Limit
vs. Temperature
2700
2650
2600
2550
2500
2450
2750
Temperature (°C)
-30
0
30
60
90
120
150
VBAT = 8.4V
CV= 4.0V
Rcs=25mΩ(1%)
Buck Output Constant Current Limit vs. VBAT
2720
2680
2660
2640
2620
2600
2700
Vbat (V)
5.8
6.2
6.6
7.0
7.4
8.2
8.6
7.8
Buck Output CC/CV
6.0
5.0
4.0
3.0
2.0
1.0
0
Output1 Current (mA)
0
500
1000
1500
2000
2500
3000
VBAT = 8.2V
VBAT = 6.0V
Buck Standby Current vs. Battery Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
Battery Voltage(V)
0
2.0
4.0
6.0
12.0
14.0
8.0
10.0
Battery Leakage vs. Battery Voltage
(HZ Mode)
Battery Voltage (V)
5.8
6.2
6.6
7.0
7.4
8.2
8.6
7.8
Buck Output Voltage vs. Output Current
5.25
5.20
5.15
5.10
5.00
4.95
5.05
Buck Output Current (mA)
0
500
1000
1500
2000
2500
3000
VBAT =8.4V
VBAT=6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com