Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2803 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT2803
Description  5V/2.4A Dual Cell Battery Power Manager
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2803 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT2803 Datasheet HTML 4Page - Active-Semi, Inc ACT2803 Datasheet HTML 5Page - Active-Semi, Inc ACT2803 Datasheet HTML 6Page - Active-Semi, Inc ACT2803 Datasheet HTML 7Page - Active-Semi, Inc ACT2803 Datasheet HTML 8Page - Active-Semi, Inc ACT2803 Datasheet HTML 9Page - Active-Semi, Inc ACT2803 Datasheet HTML 10Page - Active-Semi, Inc ACT2803 Datasheet HTML 11Page - Active-Semi, Inc ACT2803 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Rev 1, May-12-2016
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2803
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
TH Low Threshold
Charge mode
1
V
Discharge mode
0.57
V
System Management
VREG Output Current
50
mA
PB Rising Threshold
PB Rising, discharge mode
0.95
V
PB Falling Threshold
PB Falling, discharge mode
0.75
V
PB internal pull up resistance
Pull up to internal supply
1.2
Fault Condition Alarm Frequency
0.5s on and 0.5s off
1.0
Hz
Fault Condition Alarm Timer
10
s
LED Indication
LED1-4 Indication Level Setting
5.5
8.8
V
LED Sink Current
3
mA
LED1-4 Scan Interval
For each LED pattern before lighting LEDs
0.5
s
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com