Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2187 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2187
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2187 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2187 Datasheet HTML 10Page - Monolithic Power Systems MP2187 Datasheet HTML 11Page - Monolithic Power Systems MP2187 Datasheet HTML 12Page - Monolithic Power Systems MP2187 Datasheet HTML 13Page - Monolithic Power Systems MP2187 Datasheet HTML 14Page - Monolithic Power Systems MP2187 Datasheet HTML 15Page - Monolithic Power Systems MP2187 Datasheet HTML 16Page - Monolithic Power Systems MP2187 Datasheet HTML 17Page - Monolithic Power Systems MP2187 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MP2187 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2187 Rev. 1.0
www.MonolithicPower.com
17
12/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP2187
GND
VIN1
C1A
EN1
VIN
3.6V to 5.5V
VOUT2
1.8V / 3 A
SW2
C 3
PG1
PG1
L2
SW1
VOUT1
1.1V / 3 A
C2
22μF
EN2
L1
1μH
OUT1
OUT2
PFL
PFL
1μH
22μF
22μF
VIN2
C1B
22μF
R5
100k
R6
100k
R3
976k
R4
243k
PFS
Figure4: MP2187 Typical Application Circuit for Symmetric PCB Layout
Note: Low VIN application may need more input capacitors
MP2187
GND
VIN1
C1A
EN1
VIN
3.6V to 5.5V
VOUT2
1.8V / 3 A
SW2
C 3
PG1
PG1
L2
SW1
VOUT1
1.1V / 3 A
C2
22μF
EN2
L1
1μH
OUT1
OUT2
PFL
PFL
1μH
22μF
22μF
VIN2
C1B
22μF
Bead
R5
100k
R6
100k
R3
976k
R4
243k
PFS
Figure 5: MP2187 Typical Application Circuit for Asymmetric PCB Layout
Note: Low VIN application may need more input capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com