Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2187 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2187
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2187 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2187 Datasheet HTML 9Page - Monolithic Power Systems MP2187 Datasheet HTML 10Page - Monolithic Power Systems MP2187 Datasheet HTML 11Page - Monolithic Power Systems MP2187 Datasheet HTML 12Page - Monolithic Power Systems MP2187 Datasheet HTML 13Page - Monolithic Power Systems MP2187 Datasheet HTML 14Page - Monolithic Power Systems MP2187 Datasheet HTML 15Page - Monolithic Power Systems MP2187 Datasheet HTML 16Page - Monolithic Power Systems MP2187 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP2187 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2187 Rev. 1.0
www.MonolithicPower.com
13
12/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Input Voltage Failure Indicator
MP2187 has input voltage failure indicator
function. There is an external resistor network
connect PFS (power fail sense) from VIN, when
PFS is lower than Power-Fail Falling threshold
(typically 0.588V), the PFL will be pulled to
ground by an internal MOSFET.
Current limit
The MP2187 has a 5.3A current limit for the
high side switch (HS-FET). When the HS-FET
hits its current limit, MP2187 enters hiccup
mode until the current drops to prevent the
inductor current from rising and possibly
damaging the components.
Short Circuit and Recovery
The MP2187 also enters short-circuit protection
(SCP) mode when it hits the current limit, and
tries to recover from the short circuit by entering
hiccup mode. In SCP, the MP2187 disables the
output power stage, discharges a soft-start
capacitor,
and
then
enacts
a
soft-start
procedure. If the short-circuit condition still
holds after soft-start ends, the MP2187 repeats
this operation until the short circuit ceases and
output rises back to regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com