Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2187 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2187
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2187 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2187 Datasheet HTML 10Page - Monolithic Power Systems MP2187 Datasheet HTML 11Page - Monolithic Power Systems MP2187 Datasheet HTML 12Page - Monolithic Power Systems MP2187 Datasheet HTML 13Page - Monolithic Power Systems MP2187 Datasheet HTML 14Page - Monolithic Power Systems MP2187 Datasheet HTML 15Page - Monolithic Power Systems MP2187 Datasheet HTML 16Page - Monolithic Power Systems MP2187 Datasheet HTML 17Page - Monolithic Power Systems MP2187 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP2187 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2187 Rev. 1.0
www.MonolithicPower.com
14
12/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Selecting the Channel 1 Output Voltage
The 1.1V output voltage can be changed with
external feedback resistors. The feedback
resistor R1 and R2 cannot be too large
considering
the
internal
divider
resistors.
Choose R1 +R2 <20kΩ:
OUT1
R1_IN
R2_IN
R1
R2
FB1
MP2187
VFB
Using below formulas to set the new output
voltages:
OFB
12
FB
VV
RR
V
−
=×
Where VFB=0.6V.
Table 1 lists the recommended resistors values
for common output voltage.
Table 1: Resistor Values for Common Channel 1
Output Voltages
VO1 (V)
R1(kΩ)
R2(kΩ)
1.2
3
3
1.5
4.7
3
1.8
6.2
3
2.5
9.53
3
3.3
13.7
3
Selecting the Input Voltage Failure
Threshold
MP2187 can set input voltage failure threshold
with external resistors network. Below is the
input voltage failure circuit:
VIN
R3
R4
PFS
MP2187
R3 is given by:
IN
34
V0.6
RR
0.6
−
=
×
The divider resistors R3 and R4 cannot be too
small considering the leakage from VIN to GND.
Choose R3+R4>1MΩ.
Selecting the Inductor
A 0.82µH to 4.7µH inductor is recommended for
most applications. For highest efficiency, chose
an inductor with a DC resistance less than
15mΩ. For most designs, the inductance value
can be derived from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where ΔIL is the inductor ripple current.
Choose an inductor current to be approximately
30% of the maximum load current. The
maximum inductor peak current is:
L
L(MAX)
LOAD
I
II
2
Δ
=+
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, and requires a capacitor to
supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low-ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because of their low ESR values and small
temperature coefficients. For most applications,
a 10µF capacitor is sufficient. For higher output
voltage, use 47μF to improve system stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com