Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GP Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 35Page - Cypress Semiconductor S29GL01GP Datasheet HTML 36Page - Cypress Semiconductor S29GL01GP Datasheet HTML 37Page - Cypress Semiconductor S29GL01GP Datasheet HTML 38Page - Cypress Semiconductor S29GL01GP Datasheet HTML 39Page - Cypress Semiconductor S29GL01GP Datasheet HTML 40Page - Cypress Semiconductor S29GL01GP Datasheet HTML 41Page - Cypress Semiconductor S29GL01GP Datasheet HTML 42Page - Cypress Semiconductor S29GL01GP Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 39 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
9. Exit command must be issued after the execution which resets the device to read mode and re-enables reads and writes
for Sector 0.
10. The programming state of the PPB for a given sector can be verified by writing a PPB Status Read Command to the
device as described by the flow chart shown in Figure 8.2.
Figure 8.2
PPB Program Algorithm
Read Byte Twice
Addr = SA0
Enter PPB
Command Set.
Addr = BA
Program PPB Bit.
Addr = SA
DQ5 = 1?
Yes
Yes
Yes
No
No
No
Yes
DQ6 =
Toggle?
DQ6 =
Toggle?
Read Byte.
Addr = SA
PASS
FAIL
Issue Reset
Command
Exit PPB
Command Set
DQ0 =
'0' (Pgm.)?
Read Byte Twice
Addr = SA0
No
Wait 500 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com