Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GP Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 9Page - Cypress Semiconductor S29GL01GP Datasheet HTML 10Page - Cypress Semiconductor S29GL01GP Datasheet HTML 11Page - Cypress Semiconductor S29GL01GP Datasheet HTML 12Page - Cypress Semiconductor S29GL01GP Datasheet HTML 13Page - Cypress Semiconductor S29GL01GP Datasheet HTML 14Page - Cypress Semiconductor S29GL01GP Datasheet HTML 15Page - Cypress Semiconductor S29GL01GP Datasheet HTML 16Page - Cypress Semiconductor S29GL01GP Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 13 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
6.
Product Overview
The S29GL-P family consists of 1 Gb, 512 Mb, 256 Mb and 128 Mb, 3.0-volt-only, page mode Flash devices optimized for today’s
embedded designs that demand a large storage array and rich functionality. These devices are manufactured using 90 nm MirrorBit
technology. These products offer uniform 64 Kword (128 Kbyte) uniform sectors and feature VersatileIO control, allowing control and
I/O signals to operate from 1.65 V to VCC. Additional features include:
Single word programming or a 32-word programming buffer for an increased programming speed
Program Suspend/Resume and Erase Suspend/Resume
Advanced Sector Protection methods for protecting sectors as required
128 words/256 bytes of Secured Silicon area for storing customer and factory secured information. The Secured Silicon Sector is
One Time Programmable.
6.1
Memory Map
The S29GL-P devices consist of uniform 64 Kword (128 Kbyte) sectors organized as shown in Table –Table .
Note
This table has been condensed to show sector-related information for an entire device on a single page. Sectors and their address ranges that are
not explicitly listed (such as SA001-SA1022) have sector starting and ending addresses that form the same pattern as all other sectors of that size.
For example, all 128 Kb sectors have the pattern xxx0000h-xxxFFFFh.
Note
This table has been condensed to show sector-related information for an entire device on a single page. Sectors and their address ranges that are
not explicitly listed (such as SA001-SA510) have sector starting and ending addresses that the same pattern as all other sectors of that size. For
example, all 128 Kb sectors have the pattern xxx0000h-xxxFFFFh.
S29GL01GP Sector & Memory Address Map
Uniform Sector
Size
Sector Count Sector Range
Address Range (16-bit)
Notes
64 Kword/128 Kbyte
1024
SA00
0000000h - 000FFFFh
Sector Starting Address
:
:
SA1023
3FF0000H - 3FFFFFFh
Sector Ending Address
S29GL512P Sector & Memory Address Map
Uniform Sector Size
Sector Count
Sector
Range
Address Range (16-bit)
Notes
64 Kword/128 Kbyte
512
SA00
0000000h - 000FFFFh
Sector Starting Address
:
:
SA511
1FF0000H - 1FFFFFFh
Sector Ending Address
S29GL256P Sector & Memory Address Map
Uniform Sector
Size
Sector
Count
Sector
Range
Address Range (16-bit)
Notes
64 Kword/
128 Kbyte
256
SA00
0000000h - 000FFFFh
Sector Starting Address
:
:
SA255
0FF0000H - 0FFFFFFh
Sector Ending Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com