Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GP Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 17Page - Cypress Semiconductor S29GL01GP Datasheet HTML 18Page - Cypress Semiconductor S29GL01GP Datasheet HTML 19Page - Cypress Semiconductor S29GL01GP Datasheet HTML 20Page - Cypress Semiconductor S29GL01GP Datasheet HTML 21Page - Cypress Semiconductor S29GL01GP Datasheet HTML 22Page - Cypress Semiconductor S29GL01GP Datasheet HTML 23Page - Cypress Semiconductor S29GL01GP Datasheet HTML 24Page - Cypress Semiconductor S29GL01GP Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 21 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
Figure 7.1
Single Word Program
Software Functions and Sample Code
Note
Base = Base Address.
Single Word/Byte Program
(LLD Function = lld_ProgramCmd)
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
Base + AAAh
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 555h
Base + 2AAh
0055h
Program Setup
Write
Base + AAAh
Base + 555h
00A0h
Program
Write
Byte Address
Word Address
Data
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write Program Command:
Address 555h, Data A0h
Program Data to Address:
PA, PD
Unlock Cycle 1
Unlock Cycle 2
Setup Command
Program Address (PA),
Program Data (PD)
FAIL. Issue reset command
to return to read array mode.
Perform Polling Algorithm
(see Write Operation Status
flowchart)
Yes
Yes
No
No
Polling Status
= Busy?
Polling Status
= Done?
Error condition
(Exceeded Timing Limits)
PASS. Device is in
read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com