Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2235 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2235
Description  High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2235 Datasheet HTML 13Page - Monolithic Power Systems MP2235 Datasheet HTML 14Page - Monolithic Power Systems MP2235 Datasheet HTML 15Page - Monolithic Power Systems MP2235 Datasheet HTML 16Page - Monolithic Power Systems MP2235 Datasheet HTML 17Page - Monolithic Power Systems MP2235 Datasheet HTML 18Page - Monolithic Power Systems MP2235 Datasheet HTML 19Page - Monolithic Power Systems MP2235 Datasheet HTML 20Page - Monolithic Power Systems MP2235 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP2235
– SYNCHRONOUS STEP-DOWN CONVERTER
MP2235 Rev. 1.0
www.MonolithicPower.com
17
5/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PC Board Layout
(8)
PCB layout is very important to achieve stable
operation especially for VCC capacitor and
input capacitor placement. For best results,
follow these guidelines:
1.
Use large ground plane directly connect to
GND pin. Add vias near the GND pin if
bottom layer is ground plane.
2.
Place the VCC capacitor to VCC pin and
GND pin as close as possible. Make the
trace length of VCC pin-VCC capacitor
anode-VCC capacitor cathode-chip GND
pin as short as possible.
3.
Place the ceramic input capacitor close to
IN and GND pins. Keep the connection of
input capacitor and IN pin as short and
wide as possible.
4.
Route
SW, BST
away from
sensitive
analog areas such as FB. It’s not
recommended to route SW, BST trace
under chip’s bottom side.
5.
Place the T-type feedback resistor R5 close
to chip to ensure the trace which connects
to FB pin as short as possible
Notes:
8) The recommended layout is based on the Figure 8 Typical
Application circuit on the next page.
L1
C2
C1
C1A
R4
C4
C6
Vin
GND
Vout
SW
GND
GND
SW
EN/SYNC
BST
GND
VOUT
C2A
L1
C2
C1
C1A
R4
C4
C6
Vin
GND
Vout
SW
GND
GND
SW
EN/SYNC
BST
GND
VOUT
C2A
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
12V
VOUT
3.3V
Io
3A
The detailed application schematic is shown in
Figure 10. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com