Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2235 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2235
Description  High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2235 Datasheet HTML 8Page - Monolithic Power Systems MP2235 Datasheet HTML 9Page - Monolithic Power Systems MP2235 Datasheet HTML 10Page - Monolithic Power Systems MP2235 Datasheet HTML 11Page - Monolithic Power Systems MP2235 Datasheet HTML 12Page - Monolithic Power Systems MP2235 Datasheet HTML 13Page - Monolithic Power Systems MP2235 Datasheet HTML 14Page - Monolithic Power Systems MP2235 Datasheet HTML 15Page - Monolithic Power Systems MP2235 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP2235
– SYNCHRONOUS STEP-DOWN CONVERTER
MP2235 Rev. 1.0
www.MonolithicPower.com
12
5/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 5: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and VEN exceed their respective
thresholds, the chip starts. The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides a stable supply
for the remaining circuitries.
Three events can shut down the chip: VEN low,
VIN low, and thermal shutdown. During the
shutdown procedure, the signaling path is first
blocked to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com