Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2235 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2235
Description  High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2235 Datasheet HTML 1Page - Monolithic Power Systems MP2235 Datasheet HTML 2Page - Monolithic Power Systems MP2235 Datasheet HTML 3Page - Monolithic Power Systems MP2235 Datasheet HTML 4Page - Monolithic Power Systems MP2235 Datasheet HTML 5Page - Monolithic Power Systems MP2235 Datasheet HTML 6Page - Monolithic Power Systems MP2235 Datasheet HTML 7Page - Monolithic Power Systems MP2235 Datasheet HTML 8Page - Monolithic Power Systems MP2235 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MP2235
– SYNCHRONOUS STEP-DOWN CONVERTER
MP2235 Rev. 1.0
www.MonolithicPower.com
2
5/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2235GJ
TSOT-23-8
AFL
* For Tape & Reel, add suffix
–Z (e.g. MP2235GJ–Z);
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS
(1)
VIN ................................................ -0.3V to 17V
VSW ....................................................................
-0.3V (-5V for <10ns) to 17V (19V for <10ns)
VBST ...................................................... VSW+6V
All Other Pins................................ -0.3V to 6V
(2)
Continuous Power Dissipation (TA = +25°C)
(3)
..........................................................1.25W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature................. -65°C to 150°C
Recommended Operating Conditions
(4)
Supply Voltage VIN .......................... 4.5V to 16V
Output Voltage VOUT................0.8V to VIN x 90%
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
TSOT-23-8 ............................ 100 ..... 55... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2)
About the details of EN pin’s ABS MAX rating, please refer to
Page 9, Enable/SYNC control section.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com