Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWG6CP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWG6CP
Description  white smt package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWG6CP Datasheet(HTML) 1 Page - OSRAM GmbH

  LWG6CP Datasheet HTML 1Page - OSRAM GmbH LWG6CP Datasheet HTML 2Page - OSRAM GmbH LWG6CP Datasheet HTML 3Page - OSRAM GmbH LWG6CP Datasheet HTML 4Page - OSRAM GmbH LWG6CP Datasheet HTML 5Page - OSRAM GmbH LWG6CP Datasheet HTML 6Page - OSRAM GmbH LWG6CP Datasheet HTML 7Page - OSRAM GmbH LWG6CP Datasheet HTML 8Page - OSRAM GmbH LWG6CP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-04-30
1
2015-04-30
Advanced Power TOPLED
Datasheet
Version 1.4
LW G6CP
Advanced Power TOPLED features a compact
package with a wide brightness range and high
luminous efficiency.
Advanced Power TOPLED verfügt über eine
platzsparende Bauform mit einer breiten Spanne an
Helligkeit und hoher Lichtausbeute.
Features:
Besondere Merkmale:
•
Package: white SMT package, colorless clear
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser,
klarer Silikon Verguss
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white); CRI (typ.) = 80; CTR = 5600 K
•
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß);
CRI (typ.) = 80; CTR = 5600 K
•
Optical efficiency (typ.): 46 lm/W (white)
•
Optischer Wirkungsgrad (typ.): 46 lm/W (weiß)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen
•
Backlighting
•
Hinterleuchtung


Similar Part No. - LWG6CP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
More results

Similar Description - LWG6CP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com