Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWG6CP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LWG6CP
Description  white smt package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWG6CP Datasheet(HTML) 5 Page - OSRAM GmbH

  LWG6CP Datasheet HTML 1Page - OSRAM GmbH LWG6CP Datasheet HTML 2Page - OSRAM GmbH LWG6CP Datasheet HTML 3Page - OSRAM GmbH LWG6CP Datasheet HTML 4Page - OSRAM GmbH LWG6CP Datasheet HTML 5Page - OSRAM GmbH LWG6CP Datasheet HTML 6Page - OSRAM GmbH LWG6CP Datasheet HTML 7Page - OSRAM GmbH LWG6CP Datasheet HTML 8Page - OSRAM GmbH LWG6CP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.4
LW G6CP
2015-04-30
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 22
Durchlassspannungsgruppen 3) Seite 22
Group
Luminous Intensity 1) page 22
Luminous Intensity 1) page 22
Luminous Flux 5) page 22
Grupp
e
Lichtstärke 1) Seite 22
Lichtstärke 1) Seite 22
Lichtstrom 5) Seite 22
(min.) I
v [cd]
(max.) I
v [cd]
(typ.) Φ
V [lm]
EA
7.1
9
24.2
EB
9
11.2
30.3
FA
11.2
14
37.8
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
4
2.90
3.20
5
3.20
3.50
6
3.50
3.80
7
3.80
4.10
Note:
Anm:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com