Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWG6CP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWG6CP
Description  white smt package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWG6CP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWG6CP Datasheet HTML 6Page - OSRAM GmbH LWG6CP Datasheet HTML 7Page - OSRAM GmbH LWG6CP Datasheet HTML 8Page - OSRAM GmbH LWG6CP Datasheet HTML 9Page - OSRAM GmbH LWG6CP Datasheet HTML 10Page - OSRAM GmbH LWG6CP Datasheet HTML 11Page - OSRAM GmbH LWG6CP Datasheet HTML 12Page - OSRAM GmbH LWG6CP Datasheet HTML 13Page - OSRAM GmbH LWG6CP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2015-04-30
10
Version 1.4
LW G6CP
Forward Current 5) page 22 , 6) page 22
Durchlassstrom 5) Seite 22 , 6) Seite 22
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 5) page 22 , 6) page 22
Relative Lichtstärke 5) Seite 22 , 6) Seite 22
IV/IV(140 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 22
Farbortverschiebung 5) Seite 22
ΔCx, ΔCy = f(IF); TS = 25 °C
LW G6CP
2,9
3,0
3,2
3,4
3,6
VF [V]
30
50
100
150
200
250
IF [mA]
: white
LW G6CP
30 50
10
0
15
0
20
0
25
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
IV
IV(140mA)
: white
LW G6CP
30 50
10
0
15
0
20
0
25
0
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
∆ Cx
:
∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com