Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3100F Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH3100F
Description  Silicon NPN Phototransistor with Daylight - Cutoff Filter Version 1.5
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3100F Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH3100F Datasheet HTML 1Page - OSRAM GmbH SFH3100F Datasheet HTML 2Page - OSRAM GmbH SFH3100F Datasheet HTML 3Page - OSRAM GmbH SFH3100F Datasheet HTML 4Page - OSRAM GmbH SFH3100F Datasheet HTML 5Page - OSRAM GmbH SFH3100F Datasheet HTML 6Page - OSRAM GmbH SFH3100F Datasheet HTML 7Page - OSRAM GmbH SFH3100F Datasheet HTML 8Page - OSRAM GmbH SFH3100F Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 1.5
SFH 3100 F
2016-01-04
3
Grouping (TA = 25 °C, λ = 950 nm)
Group
Min Photocurrent
Max Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
E
e = 0.5 mW/cm
2, V
CE = 5 V
I
PCE, min [µA]
I
PCE, max [µA]
SFH 3100 F - 1
400
800
SFH 3100 F - 2
630
1250
SFH 3100 F - 3
1000
2000
SFH 3100 F - 4
1600
3200
SFH 3100 F - 5
2500
5000
Note.:
IPCEmin is the min. photocurrent of the specified group.
Relative Spectral Sensitivity 1) page 8
Srel = f(λ)
Photocurrent 1) page 8
IPCE = f(Ee), VCE = 5 V
700
0
nm
%
OHF04046
20
40
60
80
100
λ
rel
S
10
30
50
70
1100
800
900
1000
E
OHF00378
e
PCE
Ι
10
-3
10
-3
10
-2
10
0
10
-2
10
-1
10
0
10
1
2
mW/cm
mA
-1
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com