Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3100F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH3100F
Description  Silicon NPN Phototransistor with Daylight - Cutoff Filter Version 1.5
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3100F Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH3100F Datasheet HTML 1Page - OSRAM GmbH SFH3100F Datasheet HTML 2Page - OSRAM GmbH SFH3100F Datasheet HTML 3Page - OSRAM GmbH SFH3100F Datasheet HTML 4Page - OSRAM GmbH SFH3100F Datasheet HTML 5Page - OSRAM GmbH SFH3100F Datasheet HTML 6Page - OSRAM GmbH SFH3100F Datasheet HTML 7Page - OSRAM GmbH SFH3100F Datasheet HTML 8Page - OSRAM GmbH SFH3100F Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Version 1.5
SFH 3100 F
2016-01-04
5
Collector-Emitter Capacitance 1) page 8
CCE = f(VCE), f = 1 MHz, E = 0
Power Consumption
Ptot = f(TA)
Package Outline
Dimensions in mm (inch).
Package
Miniature Sidelooker, Epoxy
0
pF
OHF04051
CE
C
CE
V
10
-3
10
-2
10
-1
10
0
10
1
10
2
V
1
2
3
4
5
6
7
8
T
OHF00381
A
tot
P
0
0
20
40
60
80
100
20
40
60
80
100
120
140
160
mW
˚C
GEOY6976
1.04 (0.041)
4.1 (0.161)
17.77 (0.700)
Cathode
3.0 (0.118)
2.2 (0.087)
16.5 (0.650)
Emitter/
2.0 (0.079)
2.8 (0.110)
16.0 (0.630)
17.27 (0.680)
0.84 (0.033)
3.9 (0.154)
1.6 (0.063)
1.4 (0.055)
1.3 (0.051)
1.1 (0.043)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com