Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3100F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH3100F
Description  Silicon NPN Phototransistor with Daylight - Cutoff Filter Version 1.5
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3100F Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH3100F Datasheet HTML 1Page - OSRAM GmbH SFH3100F Datasheet HTML 2Page - OSRAM GmbH SFH3100F Datasheet HTML 3Page - OSRAM GmbH SFH3100F Datasheet HTML 4Page - OSRAM GmbH SFH3100F Datasheet HTML 5Page - OSRAM GmbH SFH3100F Datasheet HTML 6Page - OSRAM GmbH SFH3100F Datasheet HTML 7Page - OSRAM GmbH SFH3100F Datasheet HTML 8Page - OSRAM GmbH SFH3100F Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2016-01-04
4
Version 1.5
SFH 3100 F
Photocurrent 1) page 8
IPCE = f(VCE), Ee = Parameter
Photocurrent 1) page 8
IPCE / IPCE(25°C) = f(TA), VCE = 5 V
Dark Current 1) page 8
ICEO = f(VCE), E = 0
Dark Current 1) page 8
ICEO = f(TA), E = 0
V
OHF00386
CE
PCE
Ι
0
0
10
20
30
40
V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
mA
1.0 mW/cm
0.5 mW/cm
0.25 mW/cm
0.1 mW/cm
2
2
2
2
T
OHF01524
A
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Ι
PCE
PCE
Ι
25
C
OHF04049
VCE
0
10
10
1
10
-1
10
-2
CEO
I
nA
0
V
5
10
15
20
25
30
35
nA
OHF04050
CEO
I
A
T
-2
10
-1
10
100
1
10
102
3
10
104
-25
0
25
50
75
100
˚C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com