Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCXA502-R16M Datasheet(PDF) 1 Page - Allied Components International

Part # PCXA502-R16M
Description  Shielded High Current Power Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCXA502-R16M Datasheet(HTML) 1 Page - Allied Components International

  PCXA502-R16M Datasheet HTML 1Page - Allied Components International PCXA502-R16M Datasheet HTML 2Page - Allied Components International PCXA502-R16M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded High Current Power Choke
PCXA502
15
DCR
(mΩ)
Typ.@25°C
Isat (A)
Allied
Part
Number
Inductance
(µH)
±20% @ 0A
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
04/13/2017
Irms (A) Typ.
Features
• High Operating Temperature Range
• High Efficiency
Electrical
Inductance Range: 0.15µH to 1.5µH
Tolerance: ±20% Across entire series
Operating Temp: -40ºC to +125ºC
Test Equipment
(L): HP4284A LCR meter or equivalent
Pre-Heat: 150ºC, 1 minute.
Physical
Packaging: 3000 pieces per 13 inch reel.
Resistance to Soldering Heat
Solder Composition: Sn96.5% Ag3% Cu0.5%
Solder Temp: 245ºC ± 5ºC
DCR: CH16502, Agilent 33420A Mirco-
Ohmmeter
Marking: EIA Inductance Code/ Date Code
Irms: Current at which
temp rise without core loss.
Isat: Current at which Inductance drop is
appoximately 30%. The part temperature
(ambient + temp rise) should not exceed 125°C
under worst case operating conditions.
Test Frequency: 100KHz, 0.1V
• Low DCR
• Suitable for pick and place
∆
T=20ºC & ∆ T=40ºC
Immersion Time: 4 sec. ± 1 sec.
4.00
4.00
6.10
7.00
8.70
8.90
10.3
11.0
12.0
14.2
16.2
30.0
30.0
26.0
22.0
19.0
16.0
15.5
15.0
14.5
14.0
13.3
13.9
13.9
10.5
10.1
9.9
9.6
9.4
8.5
7.5
6.8
6.4
• Very low acoustic noise and very
low leakage flux noise.
PAGE 1 OF 3
DCR
(mΩ)
Max@25°C
4.60
4.60
7.00
8.05
9.54
10.2
11.8
12.7
13.8
16.3
18.7
• High Current with Soft Saturation
Depth: Completely cover the termination
Reflow times: 3 times max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245° C / 20~40s.)
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260℃ / 10s max.)
20°C
Rise
40°C
Rise
18.8
18.8
14.4
14.1
13.9
13.4
13.0
12.0
10.5
9.40
8.80
Typ
Max
27.0
27.0
24.0
20.0
16.0
14.0
13.5
13.0
12.8
12.2
11.7
MSL: Level 1
Dimensions: Inches
(mm)
H
B
C
E
F
A
 
D
Recommend PCB Layout
L
G
H
A
B
C
D
E
F
1R0
YYWW
.209±.008
(5.3±0.2)
.217±.008
(5.5±0.2)
.075±.008
(1.9±0.2)
.169±.012
(4.3±0.3)
.043±.008
(1.1±0.2)
.091±.010
(2.3±0.25)
.177
(4.5) Ref
.079
(2.0) Ref
.185
(4.7) Ref
PCXA502-R15M
PCXA502-R16M
PCXA502-R33M
PCXA502-R47M
PCXA502-R56M
PCXA502-R68M
PCXA502-R80M
PCXA502-R82M
PCXA502-1R0M
PCXA502-1R2M
PCXA502-1R5M
0.15
0.16
0.33
0.47
0.56
0.68
0.80
0.82
1.00
1.20
1.50


Similar Part No. - PCXA502-R16M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCXA503 ALLIED-PCXA503 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA503-1R0M ALLIED-PCXA503-1R0M Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA503-1R2M ALLIED-PCXA503-1R2M Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA503-1R5M ALLIED-PCXA503-1R5M Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA503-1R8M ALLIED-PCXA503-1R8M Datasheet
1Mb / 3P
Shielded High Current Power Choke
More results

Similar Description - PCXA502-R16M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
SMD High Current Shielded Choke
PCXA402 ALLIED-PCXA402 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA503 ALLIED-PCXA503 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA603 ALLIED-PCXA603 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXLR402 ALLIED-PCXLR402 Datasheet
1Mb / 3P
Shielded High Current Power Choke
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com