Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCXA502-R16M Datasheet(PDF) 2 Page - Allied Components International

Part # PCXA502-R16M
Description  Shielded High Current Power Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCXA502-R16M Datasheet(HTML) 2 Page - Allied Components International

  PCXA502-R16M Datasheet HTML 1Page - Allied Components International PCXA502-R16M Datasheet HTML 2Page - Allied Components International PCXA502-R16M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded High Current Power Choke
PCXA502
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
04/13/2017
PAGE 2 OF 3
Typical Performance Curves
0
7
14
21
28
35
DC CURRENT(A)
0
0.05
0.1
0.15
0.2
0.25
0
14
28
42
56
70
PCXA502-R15
0
7
14
21
28
35
DC CURRENT(A)
0
0.05
0.1
0.15
0.2
0.25
0
14
28
42
56
70
PCXA502-R16
0
6
12
18
24
30
DC CURRENT(A)
0
0.11
0.22
0.33
0.44
0.55
0
16
32
48
64
80
PCXA502-R33
0
5
10
15
20
25
DC CURRENT(A)
0
0.16
0.32
0.48
0.64
0.8
0
16
32
48
64
80
PCXA502-R47
0
4.4
8.8
13.2
17.6
22
DC CURRENT(A)
0
0.18
0.36
0.54
0.72
0.9
0
14
28
42
56
70
PCXA502-R56
0
3.6
7.2
10.8
14.4
18
DC CURRENT(A)
0
0.22
0.44
0.66
0.88
1.1
0
12
24
36
48
60
PCXA502-R68
0
3.4
6.8
10.2
13.6
17
DC CURRENT(A)
0
0.26
0.52
0.78
1.04
1.3
0
12
24
36
48
60
PCXA502-R80
0
3.4
6.8
10.2
13.6
17
DC CURRENT(A)
0
0.26
0.52
0.78
1.04
1.3
0
12
24
36
48
60
PCXA502-R82
0
3.2
6.4
9.6
12.8
16
DC CURRENT(A)
0
0.34
0.68
1.02
1.36
1.7
0
12
24
36
48
60
PCXA502-1R0
0
3.2
6.4
9.6
12.8
16
DC CURRENT(A)
0
0.4
0.8
1.2
1.6
2
0
12
24
36
48
60
PCXA502-1R2
0
3
6
9
12
15
DC CURRENT(A)
0
0.5
1
1.5
2
2.5
0
12
24
36
48
60
PCXA502-1R5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com